Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4259S Datasheet (PDF) - OSRAM GmbH

SFH4259S Datasheet PDF - OSRAM GmbH
Part # SFH4259S
Download  SFH4259S Download
File Size   218.25 Kbytes
Page   10 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung

SFH4259S Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4259S Datasheet PDF - OSRAM GmbH

Part # SFH4259S
Download  SFH4259S Click to download

File Size   218.25 Kbytes
Page   10 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung

SFH4259S Datasheet (HTML) - OSRAM GmbH


SFH4259S Product details

Safety Advices

Depending on the mode of operation, these devices emit highly concentrated non visible

infrared light which can be hazardous to the human eye. Products which incorporate these

devices have to follow the safety precautions given in IEC 60825-1 and IEC 62471.



Features

• High Power Infrared LED

• Half angle SFH 4258S: ± 15°

• Half angle SFH 4259S: ± 25°

• High forward current allowed at high temperature

• Short switching times



Applications

• industrial applications

• Infrared Illumination for cameras

• IR Data Transmission

• Optical sensors




Similar Part No. - SFH4259S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4259S OSRAM-SFH4259S Datasheet
426Kb / 13P
High Power Infrared Emitter
More results


Similar Description - SFH4259S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4056 OSRAM-SFH4056 Datasheet
193Kb / 10P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4058 OSRAM-SFH4058 Datasheet
185Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4235 OSRAM-SFH4235 Datasheet
159Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4236 OSRAM-SFH4236 Datasheet
151Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4250S OSRAM-SFH4250S Datasheet
193Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4258 OSRAM-SFH4258_12 Datasheet
176Kb / 11P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4350 OSRAM-SFH4350_12 Datasheet
144Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4555 OSRAM-SFH4555 Datasheet
153Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4230 OSRAM-SFH-4230 Datasheet
231Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4252 OSRAM-SFH-4252 Datasheet
271Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com