Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4056 Datasheet (PDF) - OSRAM GmbH

SFH4056 Datasheet PDF - OSRAM GmbH
Part # SFH4056
Download  SFH4056 Download
File Size   193.87 Kbytes
Page   10 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung

SFH4056 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4056 Datasheet PDF - OSRAM GmbH

Part # SFH4056
Download  SFH4056 Click to download

File Size   193.87 Kbytes
Page   10 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung

SFH4056 Datasheet (HTML) - OSRAM GmbH


SFH4056 Product details

Features:
• Very small package: (LxWxH) 3.2 mm x 1.6 mm x 1 mm
• High optical total power
• UL version available ( ordering code & test conditions on request)

Applications
• Miniature photointerrupters
• Mobile devices
• Proximity sensor
• For control and drive circuits




Similar Part No. - SFH4056

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4056 OSRAM-SFH4056 Datasheet
431Kb / 14P
High Power Infrared Emitter
SFH4056-NP OSRAM-SFH4056-NP Datasheet
431Kb / 14P
High Power Infrared Emitter
SFH4056 OSRAM-SFH4056_16 Datasheet
431Kb / 14P
High Power Infrared Emitter
More results


Similar Description - SFH4056

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4058 OSRAM-SFH4058 Datasheet
185Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4235 OSRAM-SFH4235 Datasheet
159Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4236 OSRAM-SFH4236 Datasheet
151Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4250S OSRAM-SFH4250S Datasheet
193Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4258 OSRAM-SFH4258_12 Datasheet
176Kb / 11P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4258S OSRAM-SFH4258S Datasheet
218Kb / 10P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4350 OSRAM-SFH4350_12 Datasheet
144Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4555 OSRAM-SFH4555 Datasheet
153Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4230 OSRAM-SFH-4230 Datasheet
231Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4252 OSRAM-SFH-4252 Datasheet
271Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com