Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4236 Datasheet (PDF) - OSRAM GmbH

SFH4236 Datasheet PDF - OSRAM GmbH
Part # SFH4236
Download  SFH4236 Download
File Size   151.14 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung

SFH4236 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4236 Datasheet PDF - OSRAM GmbH

Part # SFH4236
Download  SFH4236 Click to download

File Size   151.14 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung

SFH4236 Datasheet (HTML) - OSRAM GmbH


SFH4236 Product details

Features
• max. DC-current 1 A
• Low thermal resistance (9 K/W)
• Center of spectral emission at 850 nm
• ESD safe up to 2 kV acc. to JESD22-A114-E
• Superior Corrosion Robustness (see chapter package outlines)

Applications
• Infrared Illumination for cameras
• Surveillance systems
• Driver assistance systems
• Machine vision systems




Similar Part No. - SFH4236

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
High Power Infrared Emitter (940 nm)
SFH4232 OSRAM-SFH4232 Datasheet
273Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4232 OSRAM-SFH4232 Datasheet
416Kb / 13P
High Power Infrared Emitter
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
More results


Similar Description - SFH4236

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4056 OSRAM-SFH4056 Datasheet
193Kb / 10P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4058 OSRAM-SFH4058 Datasheet
185Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4235 OSRAM-SFH4235 Datasheet
159Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4250S OSRAM-SFH4250S Datasheet
193Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4258 OSRAM-SFH4258_12 Datasheet
176Kb / 11P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4258S OSRAM-SFH4258S Datasheet
218Kb / 10P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4350 OSRAM-SFH4350_12 Datasheet
144Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4555 OSRAM-SFH4555 Datasheet
153Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4230 OSRAM-SFH-4230 Datasheet
231Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4252 OSRAM-SFH-4252 Datasheet
271Kb / 9P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com