Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4230 Datasheet (PDF) - OSRAM GmbH

SFH4230 Datasheet PDF - OSRAM GmbH
Part # SFH4230
Download  SFH4230 Download
File Size   226.32 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High Power Infrared Emitter (850 nm)

SFH4230 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4230 Datasheet PDF - OSRAM GmbH

Part # SFH4230
Download  SFH4230 Click to download

File Size   226.32 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High Power Infrared Emitter (850 nm)

SFH4230 Datasheet (HTML) - OSRAM GmbH


SFH4230 Product details

Features

• Point lightsource with high efficiency and small

package

• die-size (emitting area) 1 x 1 mm2

• max. DC-current 1 A

• Low thermal resistance (15 K/W)

• Maximum of spectral emission at 850 nm

• ESD save up to 2 kV acc. to JESD22-A114-B



Applications

• Infrared Illumination for CMOS cameras

• Surveillance systems

• IR Data Transmission

• Driver assistance systems

• Machine security




Similar Part No. - SFH4230

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
High Power Infrared Emitter (940 nm)
SFH4232 OSRAM-SFH4232 Datasheet
273Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4232 OSRAM-SFH4232 Datasheet
416Kb / 13P
High Power Infrared Emitter
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
SFH4232 OSRAM-SFH4232_15 Datasheet
416Kb / 13P
High Power Infrared Emitter
More results


Similar Description - SFH4230

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4050 OSRAM-SFH4050 Datasheet
222Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4255 OSRAM-SFH4255 Datasheet
225Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4250 OSRAM-SFH4250 Datasheet
231Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4257 OSRAM-SFH4257 Datasheet
223Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4252 OSRAM-SFH4252 Datasheet
226Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4052 OSRAM-SFH4052 Datasheet
367Kb / 13P
High Power Infrared Emitter (850 nm)
SFH4059SR OSRAM-SFH4059SR Datasheet
365Kb / 13P
High Power Infrared Emitter (850 nm)
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
SFH4254 OSRAM-SFH4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
SFH-4254 OSRAM-SFH-4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com