Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4231 Datasheet (PDF) - OSRAM GmbH

SFH4231 Datasheet PDF - OSRAM GmbH
Part # SFH4231
Download  SFH4231 Download
File Size   226.18 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High Power Infrared Emitter (940 nm)

SFH4231 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4231 Datasheet PDF - OSRAM GmbH

Part # SFH4231
Download  SFH4231 Click to download

File Size   226.18 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High Power Infrared Emitter (940 nm)

SFH4231 Datasheet (HTML) - OSRAM GmbH


SFH4231 Product details

Features
• Point lightsource with high efficiency and small package
• die-size (emitting area) 1 x 1 mm2
• max. DC-current 1 A
• Low thermal resistance (15 K/W)
• Maximum of spectral emission at 940 nm
• ESD save up to 2 kV acc. to JESD22-A114-B

Applications
• Infrared Illumination for CMOS cameras
• Surveillance systems
• IR Data Transmission
• Driver assistance systems
• Machine security




Similar Part No. - SFH4231

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4232 OSRAM-SFH4232 Datasheet
273Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4232 OSRAM-SFH4232 Datasheet
416Kb / 13P
High Power Infrared Emitter
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
SFH4232 OSRAM-SFH4232_15 Datasheet
416Kb / 13P
High Power Infrared Emitter
More results


Similar Description - SFH4231

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4045N OSRAM-SFH4045N Datasheet
445Kb / 13P
High Power Infrared Emitter (940 nm)
SFH4046 OSRAM-SFH4046 Datasheet
429Kb / 14P
High Power Infrared Emitter (940 nm)
SFH4140 OSRAM-SFH4140 Datasheet
732Kb / 13P
High Power Infrared Emitter (940 nm)
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4546 OSRAM-SFH4546 Datasheet
406Kb / 9P
High Power Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4341 OSRAM-SFH4341 Datasheet
190Kb / 12P
High Power Infrared Emitter (940 nm)
SFH-4239 OSRAM-SFH-4239 Datasheet
189Kb / 13P
High Power Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
logo
ams AG
SFH4180S AMSCO-SFH4180S Datasheet
1,005Kb / 17P
High Power Infrared Emitter (940 nm)
Version 1.3 2021-10-25
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com