Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4231 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4231
Description  High Power Infrared Emitter (940 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4231 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4231 Datasheet HTML 1Page - OSRAM GmbH SFH4231 Datasheet HTML 2Page - OSRAM GmbH SFH4231 Datasheet HTML 3Page - OSRAM GmbH SFH4231 Datasheet HTML 4Page - OSRAM GmbH SFH4231 Datasheet HTML 5Page - OSRAM GmbH SFH4231 Datasheet HTML 6Page - OSRAM GmbH SFH4231 Datasheet HTML 7Page - OSRAM GmbH SFH4231 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SFH 4231
2007-03-29
5
Relative spektrale Emission
Relative Spectral Emission
I
rel = f (λ)
Max. zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TA), RthJS = 15 K/W
800
0
nm
%
OHF02895
20
40
60
80
100
I
rel
λ
850
900
950
1025
0
0˚C
T
I
F
mA
OHF02801
200
400
600
800
1200
S
20
40
60
80
100
Durchlassstrom
Forward Current
I
F = f (VF)
Single pulse,
t
p = 100 µs
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling
Capability
I
F = f (tp), TA85 °C,
Duty cycle
D = parameter
OHF02894
V
F
0
10
10
1
10
-1
10
-2
F
I
A
0
0.5
1
1.5
2
2.5
3
V
5
5
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
2
1
0
-1 10
tp
10 s 10
OHF02803
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.5
1.0
1.5
2.0
2.5
t
=
D
T
P
t
T
P
I
F
Relativer Gesamtstrahlungsfluss
Relative Total Radiant Flux
Φ
ee(1000mA) = f (IF)
Single pulse,
t
p = 100 µs
OHF02906
10
-3
mA
10
1
0
10
5
5
10
-1
-2
5
10
e
e (1000 mA)
I
F
10
10
3
10
4
10
55
12
Φ
Φ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com