Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4180S Datasheet (PDF) - ams AG

SFH4180S Datasheet PDF - ams AG
Part # SFH4180S
Download  SFH4180S Download
File Size   1005.66 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High Power Infrared Emitter (940 nm)

SFH4180S Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4180S Datasheet PDF - ams AG

Part # SFH4180S
Download  SFH4180S Click to download

File Size   1005.66 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High Power Infrared Emitter (940 nm)

SFH4180S Datasheet (HTML) - ams AG


SFH4180S Product details

Features:
Package: clear silicone
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
IR lightsource with high efficiency
Double stack emitter
Centroid wavelength 940 nm




Similar Part No. - SFH4180S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4180BS OSRAM-SFH4180BS Datasheet
1Mb / 22P
OSLON® P1616
Version 1.0 2024-08-13
SFH4180BS-FA2FB2-11 OSRAM-SFH4180BS-FA2FB2-11 Datasheet
1Mb / 22P
OSLON® P1616
Version 1.0 2024-08-13
SFH4180BS-FA2FB2-1113 OSRAM-SFH4180BS-FA2FB2-1113 Datasheet
1Mb / 22P
OSLON® P1616
Version 1.0 2024-08-13
SFH4180BS-FA2FB2-13 OSRAM-SFH4180BS-FA2FB2-13 Datasheet
1Mb / 22P
OSLON® P1616
Version 1.0 2024-08-13
More results


Similar Description - SFH4180S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
High Power Infrared Emitter (940 nm)
SFH4045N OSRAM-SFH4045N Datasheet
445Kb / 13P
High Power Infrared Emitter (940 nm)
SFH4046 OSRAM-SFH4046 Datasheet
429Kb / 14P
High Power Infrared Emitter (940 nm)
SFH4140 OSRAM-SFH4140 Datasheet
732Kb / 13P
High Power Infrared Emitter (940 nm)
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4546 OSRAM-SFH4546 Datasheet
406Kb / 9P
High Power Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4341 OSRAM-SFH4341 Datasheet
190Kb / 12P
High Power Infrared Emitter (940 nm)
SFH-4239 OSRAM-SFH-4239 Datasheet
189Kb / 13P
High Power Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com