Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4544 Datasheet (PDF) - OSRAM GmbH

SFH4544 Datasheet PDF - OSRAM GmbH
Part # SFH4544
Download  SFH4544 Download
File Size   412.8 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Infrared Emitter

SFH4544 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4544 Datasheet PDF - OSRAM GmbH

Part # SFH4544
Download  SFH4544 Click to download

File Size   412.8 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Infrared Emitter

SFH4544 Datasheet (HTML) - OSRAM GmbH


SFH4544 Product details

Features:
• Wavelength 950nm
• Narrow half angle ± 10°
• Short switching times
• UL version available ( ordering code & test conditions on request)
   
Applications
• Infrared Illumination for cameras
• Sensor technology
• Data transmission
   




Similar Part No. - SFH4544

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4542 OSRAM-SFH4542 Datasheet
272Kb / 12P
High Power Infrared Emitter (940nm) in SMR
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
SFH4542-BWCW AMSCO-SFH4542-BWCW Datasheet
1Mb / 17P
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
SFH4542-Z AMSCO-SFH4542-Z Datasheet
1Mb / 17P
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
logo
OSRAM GmbH
SFH4543 OSRAM-SFH4543 Datasheet
259Kb / 10P
High Power Infrared Emitter (940nm) in SMR
More results


Similar Description - SFH4544

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
Infrared Emitter
MTSM0077-843-IR MARKTECH-MTSM0077-843-IR Datasheet
1Mb / 5P
Infrared Emitter
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com