Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9994 Datasheet (PDF) - Maxim Integrated Products

MAX9994 Datasheet PDF - Maxim Integrated Products
Part # MAX9994
Download  MAX9994 Download
File Size   548.13 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch

MAX9994 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9994 Datasheet PDF - Maxim Integrated Products

Part # MAX9994
Download  MAX9994 Click to download

File Size   548.13 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch

MAX9994 Datasheet (HTML) - Maxim Integrated Products


MAX9994 Product details

General Description
The MAX9994 high-linearity downconversion mixer provides 8.3dB gain, +26.2dBm IIP3, and 9.7dB NF for 1700MHz to 2200MHz UMTS/WCDMA, DCS, and PCS base-station receiver applications. With a 1400MHz to 2000MHz LO frequency range, this particular mixer is ideal for low-side LO injection receiver architectures. High-side LO injection is supported by the MAX9996*, which is pin-for-pin and functionally compatible with the MAX9994.

Features
♦ 1700MHz to 2200MHz RF Frequency Range
♦ 1400MHz to 2000MHz LO Frequency Range (MAX9994)
♦ 1900MHz to 2400MHz LO Frequency Range (MAX9996)
♦ 40MHz to 350MHz IF Frequency Range
♦ 8.3dB Conversion Gain
♦ +26.2dBm Input IP3
♦ +12.6dBm Input 1dB Compression Point
♦ 9.7dB Noise Figure
♦ 67dBc 2RF - 2LO Spurious Rejection at PRF = -10dBm
♦ Integrated LO Buffer
♦ Integrated RF and LO Baluns for Single-Ended Inputs
♦ Low -3dBm to +3dBm LO Drive
♦ Built-In SPDT LO Switch with 45dB LO1 to LO2 Isolation and 50ns Switching Time
♦ Pin Compatible with MAX9984/MAX9986 815MHz to 995MHz Mixers
♦ Functionally Compatible with MAX9993
♦ External Current-Setting Resistors Provide Option for Operating Mixer in Reduced Power/Reduced Performance Mode
♦ Lead-Free Package Available

Applications
    UMTS/WCDMA Base Stations
    DCS1800/PCS1900 EDGE Base Stations
    cdmaOne™ and cdma2000® Base Stations
    PHS/PAS Base Stations
    Predistortion Receivers
    Fixed Broadband Wireless Access
    Wireless Local Loop
    Private Mobile Radios
    Military Systems
    Microwave Links
    Digital and Spread-Spectrum Communication Systems




Similar Part No. - MAX9994

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9994 MAXIM-MAX9994 Datasheet
488Kb / 9P
1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
MAX9994EVKIT MAXIM-MAX9994EVKIT Datasheet
488Kb / 9P
1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
MAX9994EVKIT# MAXIM-MAX9994EVKIT# Datasheet
488Kb / 9P
1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
More results


Similar Description - MAX9994

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9993 MAXIM-MAX9993 Datasheet
492Kb / 12P
High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9996 MAXIM-MAX9996 Datasheet
410Kb / 12P
SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com