Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX19993 Datasheet (PDF) - Maxim Integrated Products

MAX19993 Datasheet PDF - Maxim Integrated Products
Part # MAX19993
Download  MAX19993 Download
File Size   4142.06 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch

MAX19993 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX19993 Datasheet PDF - Maxim Integrated Products

Part # MAX19993
Download  MAX19993 Click to download

File Size   4142.06 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch

MAX19993 Datasheet (HTML) - Maxim Integrated Products


MAX19993 Product details

General Description
The MAX19993 dual-channel downconverter is designed to provide 6.4dB of conversion gain, +27dBm input IP3, 15.4dBm 1dB input compression point, and a noise figure of 9.8dB for 1200MHz to 1700MHz diversity receiver applications.

Features
♦ 1200MHz to 1700MHz RF Frequency Range
♦ 1000MHz to 1560MHz LO Frequency Range
♦ 50MHz to 500MHz IF Frequency Range
♦ 6.4dB Typical Conversion Gain
♦ 9.8dB Typical Noise Figure
♦ +27dBm Typical Input IP3
♦ 15.4dBm Typical Input 1dB Compression Point
♦ 72dBc Typical 2RF - 2LO Spurious Rejection at
   PRF = -10dBm
♦ Dual Channels Ideal for Diversity Receiver
   Applications
♦ 47dB Typical Channel-to-Channel Isolation
♦ Low -6dBm to +3dBm LO Drive
♦ Integrated LO Buffer
♦ Internal RF and LO Baluns for Single-Ended
   Inputs
♦ Built-In SPDT LO Switch with 57dB LO-to-LO
   Isolation and 50ns Switching Time
♦ Pin Compatible with the MAX9985/MAX19985A/
   MAX9995/MAX19993A/MAX19994/MAX19994A/
   MAX19995/MAX19995A Series of 700MHz to
   2200MHz Mixers
♦ Pin Similar to the MAX19997A/MAX19999 Series
   of 1850MHz to 4000MHz Mixers
♦ Single +5V or +3.3V Supply
♦ External Current-Setting Resistors Provide Option
   for Operating Device in Reduced-Power/Reduced Performance Mode

Applications
   WCDMA/LTE Base Stations
   Wireless Local Loop
   Fixed Broadband Wireless Access
   Private Mobile Radios
   Military Systems




Similar Part No. - MAX19993

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
497Kb / 32P
High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 1; 9/04
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19994AETX+ MAXIM-MAX19994AETX+ Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19994AETX+T MAXIM-MAX19994AETX+T Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
More results


Similar Description - MAX19993

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19985A MAXIM-MAX19985A Datasheet
1Mb / 23P
Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/08
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com