Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1999 Datasheet (PDF) - Maxim Integrated Products

MAX1999 Datasheet PDF - Maxim Integrated Products
Part # MAX1999
Download  MAX1999 Download
File Size   497.69 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers

MAX1999 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1999 Datasheet PDF - Maxim Integrated Products

Part # MAX1999
Download  MAX1999 Click to download

File Size   497.69 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers

MAX1999 Datasheet (HTML) - Maxim Integrated Products


MAX1999 Product details

General Description
The MAX1777/MAX1977/MAX1999 dual step-down, switch-mode power-supply (SMPS) controllers generate logic-supply voltages in battery-powered systems. The MAX1777/MAX1977/MAX1999 include two pulse-width modulation (PWM) controllers, adjustable from 2V to 5.5V or fixed at 5V and 3.3V. These devices feature two linear regulators providing 5V and 3.3V always-on outputs.

Features
♦ No Current-Sense Resistor Needed (MAX1999)
♦ Accurate Current Sense with Current-Sense
   Resistor (MAX1777/MAX1977)
♦ 1.5% Output Voltage Accuracy
♦ 3.3V and 5V 100mA Bootstrapped Linear
   Regulators
♦ Internal Soft-Start and Soft-Stop Output
   Discharge
♦ Quick-PWM with 100ns Load Step Response
♦ 3.3V and 5V Fixed or Adjustable Outputs
   (Dual Mode™)
♦ 4.5V to 24V Input Voltage Range
♦ Ultrasonic Pulse-Skipping Mode (25kHz min)
♦ Power-Good (PGOOD) Signal
♦ Overvoltage Protection Enable/Disable

Applications
   Notebook and Subnotebook Computers
   PDAs and Mobile Communication Devices
   3- and 4-Cell Li+ Battery-Powered Devices




Similar Part No. - MAX1999

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+ MAXIM-MAX19993ETX+ Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+T MAXIM-MAX19993ETX+T Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
More results


Similar Description - MAX1999

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
March 18, 2008
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
March 18, 2008
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com