Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5255 Datasheet (PDF) - Analog Devices

AD5255 Datasheet PDF - Analog Devices
Part # AD5255
Download  AD5255 Download
File Size   626.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Digital Potentiometer with Nonvolatile Memory

AD5255 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5255 Datasheet PDF - Analog Devices

Part # AD5255
Download  AD5255 Click to download

File Size   626.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Digital Potentiometer with Nonvolatile Memory

AD5255 Datasheet (HTML) - Analog Devices


AD5255 Product details

GENERAL DESCRIPTION
The AD5255 provides a dual 512 position and a single 128 position digitally controlled variable resistors1 (VR) in a TSSOP package. This device performs the same electronic adjustment function as a potentiometer, trimmer, or VR. Each VR offers a completely programmable value of resistance between the A terminal and the wiper or the B terminal and the wiper. The fixed A-to-B terminal resistance of 25 kΩ or 250 kΩ has a 1% channel-to-channel matching tolerance and a nominal temperature coefficient of 35 ppm/°C.

FEATURES
    3 channels
        Dual 512 position
        Single 128 position
    25 kΩ or 250 kΩ full-scale resistance
    Low temperature coefficient
        Potentiometer divider 15 ppm/°C
        Rheostat mode 35 ppm/°C
    Nonvolatile memory retains wiper settings
    Permanent memory write protection
    Linear increment/decrement
    ±6 dB increment/decrement
    I2C-compatible serial interface
    2.7 V to 5.5 V single-supply operation
    ±2.25 V to ±2.75 V dual-supply operation
    Power-on reset time
    256 bytes general-purpose user EEPROM
    11 bytes RDAC user EEPROM
    GBIC and SFP compliant EEPROM
    100-year typical data retention at TA = 55°C

APPLICATIONS
    Mechanical potentiometer replacement
    RGB LED backlight controls
    White LED brightness adjustment
    Programmable gain and offset controls
    Programmable filters




Similar Part No. - AD5255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
More results


Similar Description - AD5255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5232 AD-AD5232 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
11/04-Rev. 0 to Rev. A
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com