Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2860 Datasheet (PDF) - Analog Devices

ADN2860 Datasheet PDF - Analog Devices
Part # ADN2860
Download  ADN2860 Download
File Size   290.11 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Digital Potentiometer with Nonvolatile Memory

ADN2860 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2860 Datasheet PDF - Analog Devices

Part # ADN2860
Download  ADN2860 Click to download

File Size   290.11 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Digital Potentiometer with Nonvolatile Memory

ADN2860 Datasheet (HTML) - Analog Devices


ADN2860 Product details

GENERAL DESCRIPTION
The ADN2860 provides dual 512-position and single 128-position, digitally controlled variable resistors1 (VR) in a single 4 mm × 4 mm LFCSP package. This device performs the same electronic adjustment function as a potentiometer, trimmer, or variable resistor. Each VR offers a completely programmable value of resistance between the A terminal and the wiper, or the B terminal and the wiper. The fixed A-to-B terminal resistance of 25 kΩ or 250 kΩ has a 1% channel-to-channel matching tolerance and a nominal temperature coefficient of 35 ppm/°C.

FEATURES
   3 channels:
      Dual 512-position
      Single 128-position
   25 kΩ or 250 kΩ full-scale resistance
   Low temperature coefficient:
      Potentiometer divider 15 ppm/°C
      Rheostat mode 35 ppm/°C
   Nonvolatile memory retains wiper settings
   Permanent memory write protection
   Linear increment/decrement
   ±6 dB increment/decrement
   I2C-compatible serial interface
   2.7 V to 5.5 V single-supply operation
   ±2.25 V to ±2.75 V dual-supply operation
   Power-on reset time
   256 bytes general-purpose user EEPROM
   11 bytes RDAC user EEPROM
   GBIC and SFP compliant EEPROM
   100-year typical data retention at TA = 55°C

APPLICATIONS
   Laser diode drivers
   Optical amplifiers
   TIA gain setting
   TEC controller temperature setpoint




Similar Part No. - ADN2860

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results


Similar Description - ADN2860

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5232 AD-AD5232 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5255 AD-AD5255 Datasheet
626Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
7/04-Revision 0
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com