Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7760 Datasheet (PDF) - Analog Devices

AD7760 Datasheet PDF - Analog Devices
Part # AD7760
Download  AD7760 Download
File Size   868.49 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 MSPS, 20-Bit ADC

AD7760 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7760 Datasheet PDF - Analog Devices

Part # AD7760
Download  AD7760 Click to download

File Size   868.49 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 MSPS, 20-Bit ADC

AD7760 Datasheet (HTML) - Analog Devices


AD7760 Product details

GENERAL DESCRIPTION
The AD7760 is a high performance, 24-bit Σ-Δ analog-to-digital converter (ADC). It combines wide input bandwidth and high speed with the benefits of Σ-Δ conversion to achieve a performance of 100 dB SNR at 2.5 MSPS, making it ideal for high speed data acquisition. Wide dynamic range combined with significantly reduced antialiasing requirements simplify the design process.

FEATURES
   120 dB dynamic range at 78 kHz output data rate
   100 dB dynamic range at 2.5 MHz output data rate
   112 dB SNR at 78 kHz output data rate
   100 dB SNR at 2.5 MHz output data rate
   2.5 MHz maximum fully filtered output word rate
   Programmable oversampling rate (8× to 256×)
   Fully differential modulator input
   On-chip differential amplifier for signal buffering
   Low-pass finite impulse response (FIR) filter with default or
      user-programmable coefficients
   Modulator output mode
   Overrange alert bit
   Digital offset and gain correction registers
   Filter bypass modes
   Low power and power-down modes
   Synchronization of multiple devices via SYNC pin

APPLICATIONS
   Data acquisition systems
   Vibration analysis
   Instrumentation




Similar Part No. - AD7760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7760 AD-AD7760 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7760 AD-AD7760 Datasheet
851Kb / 37P
Sigma-Delta ADC with On-Chip Buffer
23-Feb-2017
AD7760 AD-AD7760 Datasheet
2Mb / 23P
AD7760/AD7762 Evaluation Board using EVAL-CED1Z
Rev. PrB
AD7760 AD-AD7760 Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
AD7760BSVZ AD-AD7760BSVZ Datasheet
851Kb / 37P
Sigma-Delta ADC with On-Chip Buffer
23-Feb-2017
More results


Similar Description - AD7760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
7/06-Revision 0
AD7985 AD-AD7985 Datasheet
585Kb / 28P
16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
Rev. C
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
16-Bit, 80 MSPS/105 MSPS ADC
Rev. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com