Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7760 Datasheet (PDF) - Analog Devices

AD7760 Datasheet PDF - Analog Devices
Part # AD7760
Download  AD7760 Download
File Size   4112.94 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs

AD7760 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7760 Datasheet PDF - Analog Devices

Part # AD7760
Download  AD7760 Click to download

File Size   4112.94 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs

AD7760 Datasheet (HTML) - Analog Devices


AD7760 Product details

FEATURES
► Oversampled successive approximation (SAR) architecture
► High performance ac and dc accuracy, low power
► 115.5 dB dynamic range, 32 kSPS (AD7767-2)
► 112.5 dB dynamic range, 64 kSPS (AD7767-1)
► 109.5 dB dynamic range, 128 kSPS (AD7767)
► −118 dB THD
► Exceptionally low power
► 8.5 mW, 32 kSPS (AD7767-2)
► 10.5 mW, 64 kSPS (AD7767-1)
► 15 mW, 128 kSPS (AD7767)
► High dc accuracy
► 24 bits, no missing codes (NMC)
► INL: ±3 ppm (typical), ±7.6 ppm (maximum)
► Low temperature drift
► Zero error drift: 15 nV/°C
► Gain error drift: 0.4 ppm/°C
► On-chip low-pass FIR filter
► Linear phase response
► Pass-band ripple: ±0.005 dB
► Stop-band attenuation: 100 dB
► 2.5 V supply with 1.8 V/2.5 V/3 V/3.6 V logic interface options
and 5 V reference
► Flexible interfacing options
► Synchronization of multiple devices
► Daisy-chain capability
► Power-down function
► Temperature range: −40°C to +105°C
► Available in 4.4 mm × 5 mm, 16-lead TSSOP

APPLICATIONS
► Low power PCI/USB data acquisition systems
► Low power wireless acquisition systems
► Vibration analysis
► Instrumentation
► High precision medical acquisition




Similar Part No. - AD7760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7760 AD-AD7760 Datasheet
868Kb / 22P
2.5 MSPS, 20-Bit ADC
AD7760 AD-AD7760 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7760 AD-AD7760 Datasheet
851Kb / 37P
Sigma-Delta ADC with On-Chip Buffer
23-Feb-2017
AD7760 AD-AD7760 Datasheet
2Mb / 23P
AD7760/AD7762 Evaluation Board using EVAL-CED1Z
Rev. PrB
AD7760BCP AD-AD7760BCP Datasheet
868Kb / 22P
2.5 MSPS, 20-Bit ADC
More results


Similar Description - AD7760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7762 AD-AD7762 Datasheet
591Kb / 28P
625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
8/05-Revision 0
AD7767 AD-AD7767 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
29-Mar-2017
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com