Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G696 Datasheet (PDF) - Global Mixed-mode Technology Inc

G696 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G696
Download  G696 Download
File Size   211.62 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Microprocessor Reset IC

G696 Datasheet (PDF)

Go To PDF Page Download Datasheet
G696 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G696
Download  G696 Click to download

File Size   211.62 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Microprocessor Reset IC

G696 Datasheet (HTML) - Global Mixed-mode Technology Inc


G696 Product details

General Description
The G696/G697 are microprocessor (µP) supervisory circuits used to monitor the power supplies in µP and digital systems. They provide excellent circuit reliability and low cost and adjustments when used with +5V, +3.3V, +3.0V- powered circuits.
These circuits perform a single function: they assert a reset signal whenever the VCC supply voltage declines below a preset threshold, with hysteresis keeping it asserted for time delay determined by externally programmable time delay generator after VCC has risen above the reset threshold. Reset thresholds suitable for operation with a variety of supply voltages are available.
The G697L has an open-drain output stage, while the G696 have push-pull outputs. The G697L’s open-drain RESET output requires a pull-up resistor that can be connected to a voltage higher than VCC. The G696L have an active-low RESET output, while the G696H has an active-high RESET output. The reset comparator is designed to ignore fast transients on VCC, and the outputs are guaranteed to be in the correct logic state for VCC down to 0.8V.
Low supply current makes the G696/G697 ideal for use in portable equipment. The G696/G697 are avail able in 5-pin SOT23-5 or TSOT-23-5 packages.

Features
■ Precision Monitoring of +3V, +3.3V, and +5V Power-Supply Voltages
■ Fully Specified Over Temperature
■ Available in Three Output Configurations
   Push-Pull RESET Output (G696L)
   Push-Pull RESET Output (G696H)
   Open-Drain RESET Output (G697L)
■ Externally Programmable Time Delay Generator
■ 14µA Supply Current
■ Guaranteed Reset Valid to VCC = 0.8V
■ Power Supply Transient Immunity
■ 5 pin SOT-23-5 or TSOT-23-5 Packages
■ 2% Threshold Accuracy

Applications
■ Computers
■ Controllers
■ Intelligent Instruments
■ Critical µP and µC Power Monitoring
■ Portable / Battery-Powered Equipment
■ Automotive




Similar Part No. - G696

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
164Kb / 11P
Microprocessor Reset IC
G696H250T1U GMT-G696H250T1U Datasheet
164Kb / 11P
Microprocessor Reset IC
G696H250T1UF GMT-G696H250T1UF Datasheet
164Kb / 11P
Microprocessor Reset IC
G696H250TOU GMT-G696H250TOU Datasheet
164Kb / 11P
Microprocessor Reset IC
G696H250TOUF GMT-G696H250TOUF Datasheet
164Kb / 11P
Microprocessor Reset IC
More results


Similar Description - G696

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696_06 Datasheet
164Kb / 11P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com