Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1899-K Datasheet (PDF) - Micro Commercial Components

2SD1899-K Datasheet PDF - Micro Commercial Components
Part # 2SD1899-K
Download  2SD1899-K Download
File Size   661.39 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Epitaxial Transistor

2SD1899-K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1899-K Datasheet PDF - Micro Commercial Components

Part # 2SD1899-K
Download  2SD1899-K Click to download

File Size   661.39 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Epitaxial Transistor

2SD1899-K Datasheet (HTML) - Micro Commercial Components


2SD1899-K Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS Compliant. See ordering information)
• Capable of 1.0Watts of Power Dissipation.
• Collector-current 3.0A
• Collector-base Voltage 60V
• Operating and storage junction temperature range:-55°C to +150°C
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - 2SD1899-K

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1899-Z NEC-2SD1899-Z Datasheet
291Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR MP-3
logo
TRANSYS Electronics Lim...
2SD1899-Z TEL-2SD1899-Z Datasheet
56Kb / 1P
TO-252 Plastic-Encapsulated Transistors
2SD1899-Z TEL-2SD1899-Z Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SD1899-Z KEXIN-2SD1899-Z Datasheet
43Kb / 2P
NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SD1899-Z RENESAS-2SD1899-Z Datasheet
1Mb / 7P
SILICON POWER TRANSISTOR
More results


Similar Description - 2SD1899-K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com