Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W173 Datasheet (PDF) - Silicon Laboratories

W173 Datasheet PDF - Silicon Laboratories
Part # W173
Download  W173 Download
File Size   69.28 Kbytes
Page   5 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Tape Drive Frequency Timing Generator

W173 Datasheet (PDF)

Go To PDF Page Download Datasheet
W173 Datasheet PDF - Silicon Laboratories

Part # W173
Download  W173 Click to download

File Size   69.28 Kbytes
Page   5 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Tape Drive Frequency Timing Generator

W173 Datasheet (HTML) - Silicon Laboratories


W173 Product details

Functional Description

The W173 has been defined to meet the timing signal require ments for Hewlett Packard CPB tape drive system.



Features

• Four derived outputs at frequencies specified by Hewlett Packard Computer Peripherals Bristol/Boise(CPB)

• Less than ±250 ps cycle-to-cycle jitter (13.2 MHz clock excluded derated to ±400 ps)

• Less than ±350 ps absolute jitter

• Supports 3.3V operation

• TTL compatible logic: VIL = 0.8V max., VIH = 2.0V min.,VOL = 0.4V max., and VOH = 2.4V min.

• OE pin has internal pull-up

• 45/55% duty cycle on all outputs

• 15 output drivers

• Accepts 26.5625 MHz input reference

• Built-in crystal oscillator circuit. Capacitive load presented to the crystal is approximately 14 pF

• Outputs designed to drive 30 pF loads

• Available in 16-pin SOIC package




Similar Part No. - W173

ManufacturerPart #DatasheetDescription
logo
Wilmar LLC
W1730 PERFORMANCETOOLS-W1730 Datasheet
1Mb / 8P
Suggested New Additions
6/13/2019
More results


Similar Description - W173

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
logo
Integrated Circuit Syst...
ICS951601 ICST-ICS951601 Datasheet
119Kb / 9P
General Purpose Frequency Timing Generator
logo
Cypress Semiconductor
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
Spread Spectrum Frequency Timing Generator
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
Frequency Timing Generator for Peripherals
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
Frequency Timing Generator for Peripherals
07/16/14
ICS951601 RENESAS-ICS951601 Datasheet
338Kb / 11P
General Purpose Frequency Timing Generator
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com