Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951601 Datasheet (PDF) - Renesas Technology Corp

ICS951601 Datasheet PDF - Renesas Technology Corp
Part # ICS951601
Download  ICS951601 Download
File Size   338.92 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose Frequency Timing Generator

ICS951601 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS951601 Datasheet PDF - Renesas Technology Corp

Part # ICS951601
Download  ICS951601 Click to download

File Size   338.92 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose Frequency Timing Generator

ICS951601 Datasheet (HTML) - Renesas Technology Corp


ICS951601 Product details

Output Features:
• 17 - PCI clocks selectable,
either 33.33MHz or 66.6MHz @ 3.3V
• 1 - 48MHz @ 3.3V
• 1 - REF @ 3.3V, 14.318MHz.
Features:
• Programable Spread spectrum precentage for EMI
control
• Uses external 14.318MHz crystal
• Select pins for frequency select




Similar Part No. - ICS951601

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951601 ICST-ICS951601 Datasheet
119Kb / 9P
General Purpose Frequency Timing Generator
More results


Similar Description - ICS951601

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
logo
Integrated Circuit Syst...
ICS951601 ICST-ICS951601 Datasheet
119Kb / 9P
General Purpose Frequency Timing Generator
logo
Cypress Semiconductor
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
Spread Spectrum Frequency Timing Generator
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
Frequency Timing Generator for Peripherals
logo
Silicon Laboratories
W173 SILABS-W173 Datasheet
69Kb / 5P
Tape Drive Frequency Timing Generator
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
Frequency Timing Generator for Peripherals
07/16/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com