Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951601 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS951601
Description  General Purpose Frequency Timing Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951601 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS951601 Datasheet HTML 1Page - Renesas Technology Corp ICS951601 Datasheet HTML 2Page - Renesas Technology Corp ICS951601 Datasheet HTML 3Page - Renesas Technology Corp ICS951601 Datasheet HTML 4Page - Renesas Technology Corp ICS951601 Datasheet HTML 5Page - Renesas Technology Corp ICS951601 Datasheet HTML 6Page - Renesas Technology Corp ICS951601 Datasheet HTML 7Page - Renesas Technology Corp ICS951601 Datasheet HTML 8Page - Renesas Technology Corp ICS951601 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ICS951601
Preliminary Product Preview
0663C—10/04/05
Byte 0: Functionality and frequency select register (Default = 0)
Serial Configuration Command Bitmap
Bit2 Bit7
Bit6
Bit5
Bit4
66MHZ 33MHz
FEATURES
FS4 FS3
FS2
FS1
FS0
0
0000
66
33
-0.25 % down spread
0
0001
66
33
-0.5 % down spread
0
0010
66
33
-1.0 % down spread
0
0011
66
33
-1.5 % down spread
0
0100
66
33
+ 0.25 % center spread
0
0101
66
33
+0.5 % center spread
0
0110
66
33
+ 1.0 % center spread
0
0111
66.6
33.3
+1.5 % center spread
0
1000
67.32
33.66
2% over-clocking
0
1001
68.64
34.32
4% over-clocking
0
1010
69.96
34.98
6% over-clocking
0
1011
72.6
36.3
10% over-clocking
0
1100
65.27
32.63
2% under- clocking
0
1101
63.96
31.97
2% under- clocking
0
1110
62.6
31.3
2% under- clocking
0
1111
60
30
2% under- clocking
1
0000
66.6
33.3
-1.4 % down spread
1
0001
66.6
33.3
-1.6 % down spread
1
0010
66.6
33.3
-1.8 % down spread
1
0011
66.6
33.3
-2.0 % down spread
1
0100
66.6
33.3
+ 1.4 % center spread
1
0101
66.6
33.3
+ 1.6 % center spread
1
0110
66.6
33.3
+ 1.8 % center spread
1
0111
66.6
33.3
+ 2.0 % center spread
Bit1
0-Normal
1-Spread spectrum Enabled
0
Bit0
0-Running 1-Tristate all outputs
0
Bit
PWD
00000
Bit
2,7:4
Bit3
0
0-Frequency and Spread is seleced by hardware select. Latched input
1-Frequency is seleced by Bit2, 7:4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com