Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951601 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS951601
Description  General Purpose Frequency Timing Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951601 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS951601 Datasheet HTML 1Page - Renesas Technology Corp ICS951601 Datasheet HTML 2Page - Renesas Technology Corp ICS951601 Datasheet HTML 3Page - Renesas Technology Corp ICS951601 Datasheet HTML 4Page - Renesas Technology Corp ICS951601 Datasheet HTML 5Page - Renesas Technology Corp ICS951601 Datasheet HTML 6Page - Renesas Technology Corp ICS951601 Datasheet HTML 7Page - Renesas Technology Corp ICS951601 Datasheet HTML 8Page - Renesas Technology Corp ICS951601 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ICS951601
Preliminary Product Preview
0663C—10/04/05
Block Diagram
General Purpose Frequency Timing Generator
Recommended Application:
General Purpose Clock Generator
Output Features:
•
17 - PCI clocks selectable,
either 33.33MHz or 66.6MHz @ 3.3V
•
1 - 48MHz @ 3.3V
•
1 - REF @ 3.3V, 14.318MHz.
Features:
•
Programable Spread spectrum precentage for EMI
control
•
Uses external 14.318MHz crystal
•
Select pins for frequency select
PLL2
PLL1
Spread
Spectrum
48MHz
PCI1A (7:0)
PCI2A (2:0)
PCI1B (2:0)
PCI2B (2:0)
8
3
3
3
X1
X2
XTAL
OSC
PCI
DIVDER
PCI
DIVDER
PCI
DIVDER
PCI
DIVDER
SDATA
SCLK
SELA (2:1)
SELB (2:1)
SPREAD
Control
Logic
Config.
Reg.
REF0
Power Groups:
VDDA = Analog Power
GNDA = Analog Ground
Key Specifications:
•
PCI – PCI output skew within same bank @
33MHz: <170ps
•
PCI – PCI output skew within same bank@ 66MHz:
<340ps
•
Cycle to Cycle Jitter PCI @ 33MHz: <200ps
•
Cycle to Cycle Jitter PCI @ 66MHz: <200ps
•
Cycle to Cycle Jitter 48MHz: <350ps
•
Cycle to Cycle Jitter REF: <500ps
•
Slew Rate: 1.5 - 4 V/ns. (PCI spec.)
Pin Configuration
48-pin SSOP
*120K ohm pull-up to VDD on indicated inputs.
REF0
VDD
X1
X2
GND
SDATA
SCLK
GNDA
VDDA
SEL1A
PCI1A_0
PCI1A_1
VDD33
GND
PCI1A_2
PCI1A_3
GND
VDD33
PCI1A_4
PCI1A_5
VDD33
GND
PCI1A_6
PCI1A_7
48MHz
GND
VDD48
SPREAD
VDDA
GNDA
SEL2B
PCI2B_2
PCI2B_1
GND
VDD66
PCI2B_0
SEL2A
PCI2A_2
PCI2A_1
VDD2A
GND
PCI2A_0
SEL1B
PCI1B_2
PCI1B_1
GND
VDD1B
PCI1B_0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS951601

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951601 ICST-ICS951601 Datasheet
119Kb / 9P
General Purpose Frequency Timing Generator
More results

Similar Description - ICS951601

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
logo
Integrated Circuit Syst...
ICS951601 ICST-ICS951601 Datasheet
119Kb / 9P
General Purpose Frequency Timing Generator
logo
Cypress Semiconductor
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
Spread Spectrum Frequency Timing Generator
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
Frequency Timing Generator for Peripherals
logo
Silicon Laboratories
W173 SILABS-W173 Datasheet
69Kb / 5P
Tape Drive Frequency Timing Generator
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
Frequency Timing Generator for Peripherals
07/16/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com