Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951601 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS951601
Description  General Purpose Frequency Timing Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951601 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS951601 Datasheet HTML 1Page - Renesas Technology Corp ICS951601 Datasheet HTML 2Page - Renesas Technology Corp ICS951601 Datasheet HTML 3Page - Renesas Technology Corp ICS951601 Datasheet HTML 4Page - Renesas Technology Corp ICS951601 Datasheet HTML 5Page - Renesas Technology Corp ICS951601 Datasheet HTML 6Page - Renesas Technology Corp ICS951601 Datasheet HTML 7Page - Renesas Technology Corp ICS951601 Datasheet HTML 8Page - Renesas Technology Corp ICS951601 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS951601
Preliminary Product Preview
0663C—10/04/05
Pin Descriptions
Pin number
Pin name
Type
Description
1
REF0
OUT
Reference output
2, 13, 18, 21, 26,
33, 38, 46
VDD
PWR
3.3V Power supply
3
X1
IN
Crystal input,nominally 14.318MHz.
4
X2
OUT
Crystal output, nominally 14.318MHz.
9, 44
VDDA
PWR
Analog 3.3V Power supply
10, 30, 36, 42
SELxx
IN
Real time PCI output frequency selection pins
5, 14, 17, 22, 27,
32, 39, 47
GND
PWR
Ground pins
6SDATA
I/O
Data pin for I
2C circuitry 5V tolerant
7SCLK
IN
Clock input of I
2C input
8, 43
GNDA
PWR
Analog ground pins
24, 23, 20, 19,
16, 15, 12, 11,
PCI1A (7:0)
OUT
PCI clock outputs, selectable to be either
33.33 or 66.66MHz at 3.3V.
29, 28, 25
PCI1B (2:0)
OUT
PCI clock outputs, selectable to be either
33.33 or 66.66MHz at 3.3V.
35, 34, 31
PCI2A (2:0)
OUT
PCI clock outputs, selectable to be either
33.33 or 66.66MHz at 3.3V.
41, 40, 37
PCI2B (2:0)
OUT
PCI clock outputs, selectable to be either
33.33 or 66.66MHz at 3.3V.
45
SPREAD
IN
Enables Spread Spectrum, default is on.
48
48MHz
OUT
Fixed 48MHz clock output for USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com