Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951601 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS951601
Description  General Purpose Frequency Timing Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951601 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS951601 Datasheet HTML 2Page - Renesas Technology Corp ICS951601 Datasheet HTML 3Page - Renesas Technology Corp ICS951601 Datasheet HTML 4Page - Renesas Technology Corp ICS951601 Datasheet HTML 5Page - Renesas Technology Corp ICS951601 Datasheet HTML 6Page - Renesas Technology Corp ICS951601 Datasheet HTML 7Page - Renesas Technology Corp ICS951601 Datasheet HTML 8Page - Renesas Technology Corp ICS951601 Datasheet HTML 9Page - Renesas Technology Corp ICS951601 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
ICS951601
Preliminary Product Preview
0663C—10/04/05
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . 115°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; VDD, VDDL = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
5mA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
mA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
mA
IDD3.3OP100 CL = 0 pF; Select @ 100 MHz
160
mA
IDD3.3OP133 CL = 0 pF; Select @ 133 MHz
160
mA
Input frequency
Fi
VDD = 3.3 V;
11
14.318
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Transition Time
1
Ttrans
To 1st crossing of target Freq.
3
ms
Settling Time
1
Ts
From 1st crossing to 1% target Freq.
3
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3ms
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1
Operating Supply
Current
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; VDD = 3.3 V +/-5%; VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating
IDD2.5OP100
CL = 0 pF; Select @ 100 MHz
16
75
mA
Supply Current
IDD2.5OP133
CL = 0 pF; Select @ 133 MHz
1990mA
Power Down Supply
Current
IDD2.5PD
CL = 0 pF; PWRDWN# = 0
0.1
100
µA
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com