Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM66 Datasheet (PDF) - TT Electronics.

HM66 Datasheet PDF - TT Electronics.
Part # HM66
Download  HM66 Download
File Size   720.55 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Miniature Low Profile, Shielded Surface Mount Inductors

HM66 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM66 Datasheet PDF - TT Electronics.

Part # HM66
Download  HM66 Click to download

File Size   720.55 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Miniature Low Profile, Shielded Surface Mount Inductors

HM66 Datasheet (HTML) - TT Electronics.


HM66 Product details

Features
• Operating Temperature Range -40°C to +125°C
• Ambient Temperature, Maximum 80°C
• Temperature Rise, Maximum 40°C
• Operating Frequency Up to 3MHz
• RoHS Compliant




Similar Part No. - HM66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66 Datasheet
943Kb / 3P
Miniature Low Profile, Shielded
HM66-10100LF BITECH-HM66-10100LF Datasheet
362Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
HM66-10150LF BITECH-HM66-10150LF Datasheet
362Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
HM66-101R5LF BITECH-HM66-101R5LF Datasheet
362Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
More results


Similar Description - HM66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
Miniature Low Profile, Shielded Surface Mount Inductors
HM73 ETC1-HM73 Datasheet
370Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM70 BITECH-HM70 Datasheet
721Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
miniature low profile Surface Mount
29/07/2006
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com