Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM66 Datasheet (PDF) - Bi technologies

HM66 Datasheet PDF - Bi technologies
Part # HM66
Download  HM66 Download
File Size   943.36 Kbytes
Page   3 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Miniature Low Profile, Shielded

HM66 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM66 Datasheet PDF - Bi technologies

Part # HM66
Download  HM66 Click to download

File Size   943.36 Kbytes
Page   3 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Miniature Low Profile, Shielded

HM66 Datasheet (HTML) - Bi technologies


HM66 Product details

Miniature Low Profile, Shielded Surface Mount Inductors

• Operating Temperature Range -40°C to +125°C
• Ambient Temperature, Maximum 80°C
• Temperature Rise, Maximum 40°C
• Insulation System Class B, 130°C




Similar Part No. - HM66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66-10100LF BITECH-HM66-10100LF Datasheet
362Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66-10100LF TTELEC-HM66-10100LF Datasheet
720Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66-10150LF BITECH-HM66-10150LF Datasheet
362Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
More results


Similar Description - HM66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
Miniature Low Profile, Shielded Surface Mount Inductors
G72 ETC1-G72 Datasheet
47Kb / 2P
Sub-miniature, low profile
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
miniature, low profile SMD
1/10/05
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
miniature, low profile SMD
26/10/05
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
logo
Cooper Bussmann, Inc.
SD3814-331-R COOPER-SD3814-331-R Datasheet
159Kb / 3P
Low Profile, Shielded Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com