Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9300SSC Datasheet (PDF) - Advanced Crystal Technology

ACT9300SSC Datasheet PDF - Advanced Crystal Technology
Part # ACT9300SSC
Download  ACT9300SSC Download
File Size   487.54 Kbytes
Page   6 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description miniature, low profile SMD

ACT9300SSC Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT9300SSC Datasheet PDF - Advanced Crystal Technology

Part # ACT9300SSC
Download  ACT9300SSC Click to download

File Size   487.54 Kbytes
Page   6 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description miniature, low profile SMD

ACT9300SSC Datasheet (HTML) - Advanced Crystal Technology


ACT9300SSC Product details

The ACT9300SSC is housed in a miniature, low profile SMD package, with a ceramic base utilising a seam welded metal lid for high reliability and better long-term stability. Spread Spectrum Technology is employed to assist with EMI emission reductions. This 5x3.2mm device is available with CMOS output with a supply voltage of 3.3V. Taped and reeled packaging (1K reels, 16mm tape) and loose quantities are available for purchase, to suit high and low volume production. Other Spread Spectrum devices available in DIL14 and 9.6x11.4x2.5 on request. Tri-state on pin 1 is available for the 1.0 and 3.0% options.
   




Similar Part No. - ACT9300SSC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
miniature low profile Surface Mount
29/07/2006
More results


Similar Description - ACT9300SSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT9200WC ETC2-ACT9200WC Datasheet
126Kb / 3P
miniature, low profile SMD Microprocessor clock
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
miniature, low profile SMD
1/10/05
ACT9200SSC ACT-ACT9200SSC Datasheet
479Kb / 6P
a miniature, low profile SMD
01/02/06
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
miniature, low profile SMD
26/10/05
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H Datasheet
472Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-20H EPSONTOYOCOM-FA-20H_10 Datasheet
187Kb / 1P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118 EPSONTOYOCOM-FA-118 Datasheet
376Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V_10 Datasheet
243Kb / 1P
MINIATURE SIZE LOW PROFILE SMD
logo
EUROQUARTZ limited
CXO EUROQUARTZ-CXO Datasheet
127Kb / 1P
Low Profile Miniature SMD Crystal Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com