Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9300SSC Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT9300SSC
Description  miniature, low profile SMD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9300SSC Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT9300SSC Datasheet HTML 1Page - Advanced Crystal Technology ACT9300SSC Datasheet HTML 2Page - Advanced Crystal Technology ACT9300SSC Datasheet HTML 3Page - Advanced Crystal Technology ACT9300SSC Datasheet HTML 4Page - Advanced Crystal Technology ACT9300SSC Datasheet HTML 5Page - Advanced Crystal Technology ACT9300SSC Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
email :
info@actcrystals.com
Spread Spectrum principle (continued from page 2)
EMI Reduction Data
Main mode: EMI reduction:
Total spread % x frequency (fo)
3rd Harmonic: EMI reduction:
5th Harmonic: EMI reduction:
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Issue:2 M6
Date:26/10/05
dB
dB
dB
3%
10Log
()
Total spread % x frequency(fo)x5
0.12
)
Total spread % x frequency(fo)x3
0.12
Total Spread %
99.750000
100.250000
-5000ppm
0ppm
-2500ppm
Down Range
0%
+0.5%
-10000ppm
0ppm
10Log
(
0.12
)
10Log
(
ACT9300SSC
-1.0%
-1.0%
0%
-0.25%
+0.25%
+2500ppm
99.500000
Up Range
Min
Max
Down Range
Up Range
Min
Max
Spread Spectrum Clock (SSC), the mode energy of a spread spectrum clock is spread over a wider
bandwidth, resulting from the frequency modulation technique. The modulation carrier frequency is in
the KHz range which makes the modulation process transparent to the oscillator frequency. The
controlled modulation process can be on all of one side of the nominal frequency (DOWN SPREAD)
or equally spread either side of the nominal frequency (CENTRE SPREAD) . If OVER-CLOCKING is
a problem to the system then the down spread is preferred.
97.000000
100.000000
98.500000
101.500000
0ppm
-15000ppm
Instantaneous Frequencies (100MHz Nominal Frequency)
Note. Tri State not available with 0.5% versions.
1%
0.5%
+15.000ppm
-3.0%
100.500000
99.500000
-5000ppm
+5000ppm
100.000000
-0.5%
+1.5%
-30000ppm
0%
Down Spread
Centre Spread
99.000000
100.000000
-1.5%
ISO9001: 2000 Registered
3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com