Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4S643233H Datasheet (PDF) - Samsung semiconductor

K4S643233H Datasheet PDF - Samsung semiconductor
Part # K4S643233H
Download  K4S643233H Download
File Size   141.05 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description Mobile-SDRAM

K4S643233H Datasheet (PDF)

Go To PDF Page Download Datasheet
K4S643233H Datasheet PDF - Samsung semiconductor

Part # K4S643233H
Download  K4S643233H Click to download

File Size   141.05 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description Mobile-SDRAM

K4S643233H Datasheet (HTML) - Samsung semiconductor


K4S643233H Product details

GENERAL DESCRIPTION
The K4S643233H is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 x 524,288 words by 32 bits, fabricated with SAMSUNG’s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock and I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst lengths and programmable latencies allow the same device to be useful for a variety of high bandwidth and high per formance memory system applications.

FEATURES
• 3.0V & 3.3V power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
    -. CAS latency (1, 2 & 3).
    -. Burst length (1, 2, 4, 8 & Full page).
    -. Burst type (Sequential & Interleave).
• EMRS cycle with address key programs.
• All inputs are sampled at the positive going edge of the system clock.
• Burst read single-bit write operation.
• Special Function Support.
    -. PASR (Partial Array Self Refresh).
    -. Internal TCSR (Temperature Compensated Self Refresh)
• DQM for masking.
• Auto refresh.
• 64ms refresh period (4K cycle).
• Commercial Temperature Operation (-25°C ~ 70°C).
• Extended Temperature Operation (-25°C ~ 85°C).
• 90Balls FBGA with 0.8mm ball pitch ( -FXXX : Leaded, -HXXX : Lead Free).




Similar Part No. - K4S643233H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
K4S643233F-DE/P1H SAMSUNG-K4S643233F-DE/P1H Datasheet
62Kb / 8P
2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
K4S643233F-DE/P1L SAMSUNG-K4S643233F-DE/P1L Datasheet
62Kb / 8P
2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
K4S643233F-DE/P75 SAMSUNG-K4S643233F-DE/P75 Datasheet
62Kb / 8P
2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
K4S643233F-SE/I SAMSUNG-K4S643233F-SE/I Datasheet
62Kb / 8P
2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
More results


Similar Description - K4S643233H

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48V16M16LFFG MICRON-MT48V16M16LFFG Datasheet
1Mb / 58P
MOBILE SDRAM
logo
Samsung semiconductor
K4M511533E SAMSUNG-K4M511533E Datasheet
106Kb / 12P
Mobile-SDRAM
K4S513233F SAMSUNG-K4S513233F Datasheet
143Kb / 12P
Mobile SDRAM
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
K4M51323LC SAMSUNG-K4M51323LC Datasheet
142Kb / 12P
Mobile-SDRAM
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
128Mb Mobile SDRAM
logo
Samsung semiconductor
K4M51323PC SAMSUNG-K4M51323PC Datasheet
144Kb / 12P
Mobile-SDRAM
K4M28163LH SAMSUNG-K4M28163LH Datasheet
114Kb / 12P
Mobile SDRAM
K4X1G163PC-L SAMSUNG-K4X1G163PC-L Datasheet
523Kb / 20P
Mobile DDR SDRAM
logo
Hynix Semiconductor
HY5S5B2BLF-6E HYNIX-HY5S5B2BLF-6E Datasheet
666Kb / 54P
256M (8Mx32bit) Mobile SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com