Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4S643233F Datasheet (PDF) - Samsung semiconductor

K4S643233F Datasheet PDF - Samsung semiconductor
Part # K4S643233F
Download  K4S643233F Download
File Size   62.93 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM

K4S643233F Datasheet (PDF)

Go To PDF Page Download Datasheet
K4S643233F Datasheet PDF - Samsung semiconductor

Part # K4S643233F
Download  K4S643233F Click to download

File Size   62.93 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM

K4S643233F Datasheet (HTML) - Samsung semiconductor


K4S643233F Product details

GENERAL DESCRIPTION
The K4S643233F is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 x 524,288 words by 32 bits, fabri cated with SAMSUNG¢s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock. I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst lengths and programmable latencies allow the same device to be useful for a variety of high bandwidth and high performance memory system applications.

FEATURES
• 3.0V & 3.3 power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
    -. CAS latency (1, 2 & 3).
    -. Burst length (1, 2, 4, 8 & Full page).
    -. Burst type (Sequential & Interleave).
• All inputs are sampled at the positive going edge of the system clock .
• Burst read single-bit write operation.
• DQM for masking.
• Auto & self refresh.
• 64ms refresh period (4K cycle).
• Extended temperature operation (-25°C to 85°C). Industrial temperature operation ( -40°C to 85°C).
• 90balls FBGA(-SXXX -Pb, -DXXX -Pb Free).




Similar Part No. - K4S643233F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643233H SAMSUNG-K4S643233H Datasheet
141Kb / 12P
Mobile-SDRAM
K4S643233H-C SAMSUNG-K4S643233H-C Datasheet
141Kb / 12P
Mobile-SDRAM
K4S643233H-F SAMSUNG-K4S643233H-F Datasheet
141Kb / 12P
Mobile-SDRAM
K4S643233H-F1H SAMSUNG-K4S643233H-F1H Datasheet
141Kb / 12P
Mobile-SDRAM
K4S643233H-F1L SAMSUNG-K4S643233H-F1L Datasheet
141Kb / 12P
Mobile-SDRAM
More results


Similar Description - K4S643233F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
8Mx32 Mobile SDRAM 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LF-S SAMSUNG-K4S64323LF-S Datasheet
64Kb / 8P
2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-SN SAMSUNG-K4S64323LF-SN Datasheet
64Kb / 8P
2Mx32 Mobile SDRAM 90FBGA
K4M51323LC SAMSUNG-K4M51323LC Datasheet
142Kb / 12P
Mobile-SDRAM
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28163LH SAMSUNG-K4M28163LH Datasheet
114Kb / 12P
Mobile SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com