Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4S643233F Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4S643233F
Description  2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643233F Datasheet(HTML) 6 Page - Samsung semiconductor

  K4S643233F Datasheet HTML 1Page - Samsung semiconductor K4S643233F Datasheet HTML 2Page - Samsung semiconductor K4S643233F Datasheet HTML 3Page - Samsung semiconductor K4S643233F Datasheet HTML 4Page - Samsung semiconductor K4S643233F Datasheet HTML 5Page - Samsung semiconductor K4S643233F Datasheet HTML 6Page - Samsung semiconductor K4S643233F Datasheet HTML 7Page - Samsung semiconductor K4S643233F Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
K4S643233F-S(D)E/N/I/P
Rev. 1.5 Dec. 2002
CMOS SDRAM
OPERATING AC PARAMETER(AC operating conditions unless otherwise noted)
Notes :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. Minimum tRDL=2CLK and tDAL(=tRDL + tRP) is required to complete both of last data wite command(tRDL) and precharge
command(tRP). tRDL=1CLK can be supported only in the case under 100MHz with manual precharge mode.
4. All parts allow every cycle column address change.
5. In case of row precharge interrupt, auto precharge and read burst stop.
Parameter
Symbol
Version
Unit
Note
- 75
-1H
-1L
Row active to row active delay
tRRD (min)
15
19
19
ns
1
RAS to CAS delay
tRCD (min)
19
19
24
ns
1
Row precharge time
tRP(min)
19
19
24
ns
1
Row active time
tRAS(min)
45
50
60
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
65
70
84
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2,3
Last data in to Active delay
tDAL (min)
tRDL + tRP
-
3
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL (min)
1
CLK
2
Col. address to col. address delay
tCCD (min)
1
CLK
4
Number of valid output data
CAS latency=3
2
ea
5
CAS latency=2
1
CAS latency=1
-
0
AC OPERATING TEST CONDITIONS (VDD = 2.7V ~ 3.6V, TA = -25
°C to 85°C for Extended, -40°C to 85°C for Industrial)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4 / 0.4
V
Input timing measurement reference level
0.5 x VDDQ
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
0.5 x VDDQ
V
Output load condition
See Fig. 2
VDDQ
1200
Ω
870
Ω
Output
30pF
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt = 0.5 x VDDQ
50
Ω
Output
30pF
Z0 = 50
Ω
(Fig. 2) AC output load circuit
(Fig. 1) DC output load circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com