Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4S643233F Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4S643233F
Description  2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643233F Datasheet(HTML) 2 Page - Samsung semiconductor

  K4S643233F Datasheet HTML 1Page - Samsung semiconductor K4S643233F Datasheet HTML 2Page - Samsung semiconductor K4S643233F Datasheet HTML 3Page - Samsung semiconductor K4S643233F Datasheet HTML 4Page - Samsung semiconductor K4S643233F Datasheet HTML 5Page - Samsung semiconductor K4S643233F Datasheet HTML 6Page - Samsung semiconductor K4S643233F Datasheet HTML 7Page - Samsung semiconductor K4S643233F Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
K4S643233F-S(D)E/N/I/P
Rev. 1.5 Dec. 2002
CMOS SDRAM
The K4S643233F is 67,108,864 bits synchronous high data rate
Dynamic RAM organized as 4 x 524,288 words by 32 bits, fabri-
cated with SAMSUNG
′s high performance CMOS technology.
Synchronous design allows precise cycle control with the use of
system clock. I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable burst lengths and
programmable latencies allow the same device to be useful for a
variety of high bandwidth and high performance memory system
applications.
• 3.0V & 3.3 power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
-. CAS latency (1, 2 & 3).
-. Burst length (1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
• All inputs are sampled at the positive going edge of the system
clock .
• Burst read single-bit write operation.
• DQM for masking.
• Auto & self refresh.
• 64ms refresh period (4K cycle).
• Extended temperature operation (-25
°C to 85°C).
Industrial temperature operation ( -40
°C to 85°C).
• 90balls FBGA(-SXXX -Pb, -DXXX -Pb Free).
GENERAL DESCRIPTION
FEATURES
512K x 32Bit x 4 Banks SDRAM
FUNCTIONAL BLOCK DIAGRAM
*Samsung Electronics reserves the right to change products or specification without notice.
Bank Select
Data Input Register
512K x 32
512K x 32
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
512K x 32
512K x 32
Timing Register
ORDERING INFORMATION
-S(D)E/N ; Normal/Low Power, Temp : -25
°C ~ 85°C.
-S(D)I/P ; Normal/Low Power, Temp : -40
°C ~ 85°C.
Note :
1. In case of 40MHz Frequency, CL1 can be supported.
Part No.
Max Freq.
Interface Package
K4S643233F-SE/N/I/P75
133MHz(CL=3)
105MHz(CL=2)
LVCMOS
90FBGA
Pb
K4S643233FSE/N/I/P1H
105MHz(CL=2)
K4S643233F-SE/N/I/P1L
105MHz(CL=3)
*1
K4S643233F-DE/N/I/P75
133MHz(CL=3)
105MHz(CL=2)
90FBGA
Pb Free
K4S643233F-DE/N/I/P1H
105MHz(CL=2)
K4S643233F-DE/N/I/P1L
105MHz(CL=3)*1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com