Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4S643233F Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4S643233F
Description  2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643233F Datasheet(HTML) 5 Page - Samsung semiconductor

  K4S643233F Datasheet HTML 1Page - Samsung semiconductor K4S643233F Datasheet HTML 2Page - Samsung semiconductor K4S643233F Datasheet HTML 3Page - Samsung semiconductor K4S643233F Datasheet HTML 4Page - Samsung semiconductor K4S643233F Datasheet HTML 5Page - Samsung semiconductor K4S643233F Datasheet HTML 6Page - Samsung semiconductor K4S643233F Datasheet HTML 7Page - Samsung semiconductor K4S643233F Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
K4S643233F-S(D)E/N/I/P
Rev. 1.5 Dec. 2002
CMOS SDRAM
DC CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25
°C to 85°C for Extended, -40°C to 85°C for Industrial)
Notes :
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S643233F-S(D)E/I**
4. K4S643233F-S(D)N/P**
5. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ).
Parameter
Symbol
Test Condition
Version
Unit
Note
-75
-1H
-1L
Operating Current
(One Bank Active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
80
75
75
mA
1
Precharge Standby Current
in power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
0.5
mA
ICC2 PS
CKE & CLK
≤ VIL(max), tCC = ∞
0.5
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
11
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
8
Active Standby Current
in power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
5
mA
ICC3 PS
CKE & CLK
≤ VIL(max), tCC = ∞
5
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
22
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
22
mA
Operating Current
ICC4
IO = 0 mA ,Page burst
95
75
75
mA
1
Refresh Current
ICC5
tRC
≥ tRC(min)
135
120
120
mA
2
Self Refresh Current
ICC6
CKE
≤ 0.2V
-S(D)E/I
2
mA
3
-S(D)N/P
0.4
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com