Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB4045CT Datasheet (PDF) - International Rectifier

MBRB4045CT Datasheet PDF - International Rectifier
Part # MBRB4045CT
Download  MBRB4045CT Download
File Size   175.66 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER

MBRB4045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB4045CT Datasheet PDF - International Rectifier

Part # MBRB4045CT
Download  MBRB4045CT Click to download

File Size   175.66 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER

MBRB4045CT Datasheet (HTML) - International Rectifier


MBRB4045CT Product details

Description

This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150° C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection.



Features

150° C TJ operation

Center tap TO-220, D2Pak and TO-262 packages

Low forward voltage drop

High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance

High frequency operation

Guard ring for enhanced ruggedness and long term reliability




Similar Part No. - MBRB4045CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB4045CT VISHAY-MBRB4045CT Datasheet
119Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
logo
First Silicon Co., Ltd
MBRB4045CT FS-MBRB4045CT Datasheet
406Kb / 6P
Dual Schottky Barrier Rectifiers Reverse Voltage 45 Volts , Forward Current 40A
logo
SUNMATE electronic Co.,...
MBRB4045CT SUNMATE-MBRB4045CT Datasheet
2Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBRB4045CT-1P VISHAY-MBRB4045CT-1P Datasheet
127Kb / 6P
Schottky Rectifier, 2 x 20 A
16-Mar-10
MBRB4045CT-1PBF VISHAY-MBRB4045CT-1PBF Datasheet
127Kb / 6P
Schottky Rectifier, 2 x 20 A
16-Mar-10
More results


Similar Description - MBRB4045CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com