Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB4045CT Datasheet(PDF) 8 Page - International Rectifier

Part # MBRB4045CT
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB4045CT Datasheet(HTML) 8 Page - International Rectifier

  MBRB4045CT Datasheet HTML 1Page - International Rectifier MBRB4045CT Datasheet HTML 2Page - International Rectifier MBRB4045CT Datasheet HTML 3Page - International Rectifier MBRB4045CT Datasheet HTML 4Page - International Rectifier MBRB4045CT Datasheet HTML 5Page - International Rectifier MBRB4045CT Datasheet HTML 6Page - International Rectifier MBRB4045CT Datasheet HTML 7Page - International Rectifier MBRB4045CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MBR4045CT, MBRB4045CT, MBR4045CT-1
PreBulletin PD-20051 rev. A 09/01
www.irf.com
8
MBR4045CT
********************************************
*
This model has been developed by
*
*
Wizard SPICE MODEL GENERATOR (1999)
*
*
(International Rectifier Corporation)
*
*
Contains proprietary Information
*
********************************************
* SPICE Model Diode is composed by a
*
* simple diode plus paralled VCG2T
*
********************************************
.SUBCKT MBR4045CT ANO CAT
D1 ANO 1 DMOD (0.07089)
*Define diode model
.MODEL DMOD D(IS=1.41031849705903E-04A,N=1.12223892649545,BV=49V,
+ IBV=0.267178064395486A,RS= 0.000581298,CJO=2.94926944579954E-08,
+ VJ=0.779269989906853,XTI=2, EG=0.730300626417364)
********************************************
*Implementation of VCG2T
VX 1 2 DC 0V
R1 2 CAT TRES 1E-6
.MODEL TRES RES(R=1,TC1=19.7716341798827)
GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-2.531689E-03/19.77164)*((V(2,CAT)*1E6)/
(I(VX)+1E-6)-1))+1)*6.454822E-02*ABS(V(ANO,CAT)))-1)}
********************************************
.ENDS MBR4045CT
Thermal Model Subcircuit
.SUBCKT MBR4045CT 5 1
CTHERM1
5
4
1.84E+00
CTHERM2
4
3
1.74E+01
CTHERM3
3
2
9.36E+01
CTHERM4
2
1
1.30E+03
RTHERM1
5
4
4.55E-01
RTHERM2
4
3
5.76E-01
RTHERM1
3
2
3.12E-01
RTHERM1
2
1
1.49E-01
.ENDS MBR4045CT
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 09/01
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com