Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1196 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1196 Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1196
Download  MM1196 Download
File Size   90.62 Kbytes
Page   4 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description Video Amplifier Monolithic IC MM1196

MM1196 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1196 Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1196
Download  MM1196 Click to download

File Size   90.62 Kbytes
Page   4 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description Video Amplifier Monolithic IC MM1196

MM1196 Datasheet (HTML) - Mitsumi Electronics, Corp.


MM1196 Product details

Outline
This is a 75Ω, 2 system drive IC that supports S. Y input and V input have clamps, while C input does not have a clamp. Also, Y output and V output have anti-sag pins, and the output capacitor is used at a low value.

Features
1. Supports S
    Three 75Ω 2 system drive circuits built in
2. Current consumption 24mA typ.
3. Power supply voltage 5V
4. Frequency response 7MHz
5. Crosstalk 60dB (at 4.43MHz)
6. Anti-sag pin

Applications
1. Free-standing VCR




Similar Part No. - MM1196

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1192 MITSUMI-MM1192 Datasheet
121Kb / 4P
HBS-Compatible Driver and Receiver
MM1192XD MITSUMI-MM1192XD Datasheet
121Kb / 4P
HBS-Compatible Driver and Receiver
More results


Similar Description - MM1196

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN607P PANASONIC-AN607P Datasheet
31Kb / 2P
Wide bandwidth video amplifier IC inverting amplifier
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
Video amplifier, modulator/demodulator IC
logo
Mitsumi Electronics, Co...
MM1024 MITSUMI-MM1024 Datasheet
146Kb / 5P
S Video Amplifier Monolithic IC MM1024
MM1031 MITSUMI-MM1031 Datasheet
92Kb / 4P
Video Amplifier Monolithic IC
MM1203 MITSUMI-MM1203 Datasheet
125Kb / 6P
RGB Video Amplifier for Monitors Monolithic IC
MM1186 MITSUMI-MM1186 Datasheet
103Kb / 4P
Video Amplifier Monolithic IC
logo
National Semiconductor ...
TBA440C NSC-TBA440C Datasheet
106Kb / 2P
Monolithic Video IF Amplifier
logo
Sanyo Semicon Device
LA7605M SANYO-LA7605M Datasheet
188Kb / 3P
Monolithic Linear IC Video Signal Processor
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
Monolithic Linear IC Video Driver for DSC
LA76600M SANYO-LA76600M Datasheet
247Kb / 8P
Monolithic Linear IC Video Signal Y/C Separator IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com