Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1203 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1203 Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1203
Download  MM1203 Download
File Size   125.86 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description RGB Video Amplifier for Monitors Monolithic IC

MM1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1203 Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1203
Download  MM1203 Click to download

File Size   125.86 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description RGB Video Amplifier for Monitors Monolithic IC

MM1203 Datasheet (HTML) - Mitsumi Electronics, Corp.


MM1203 Product details

Outline
This IC is a wideband video amplifier system developed for high resolution RGB color monitors. In addition to the three matched video amps, it has three gate control differential input black level comparators for luminance adjustment, and three matched attenuator circuits for contrast adjustment. Each video amp has maximum gain setting (AV=4~10) and a drive pin for trimming. The reference voltage supply for video input is built in.

Features
1. Three built-in wideband video amps (70MHz @ -3dB)
2. Current consumption 65mA typ.
3. Matched (±0.5dB) contrast adjustment attenuators built in
4. Built-in luminance adjustment comparators using external gate control
5. Gain of each video amp controlled independently
6. Built-in video input reference voltage
7. Low impedance output driver

Applications
1. Display monitors




Similar Part No. - MM1203

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1205 MITSUMI-MM1205 Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
MM1205XD MITSUMI-MM1205XD Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
MM1206 MITSUMI-MM1206 Datasheet
56Kb / 2P
Monolithic IC MM1206
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
MM1207XD MITSUMI-MM1207XD Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
More results


Similar Description - MM1203

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8153 STMICROELECTRONICS-TDA8153 Datasheet
169Kb / 11P
RGB VIDEO OUTPUT AMPLIFIER
Jan-1993
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
RGB Video Amplifier System for Monitors
logo
Samsung semiconductor
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
R/G/B VIDEO AMPLIFIER FOR MONITORS
logo
Mitsumi Electronics, Co...
MM1024 MITSUMI-MM1024 Datasheet
146Kb / 5P
S Video Amplifier Monolithic IC MM1024
MM1031 MITSUMI-MM1031 Datasheet
92Kb / 4P
Video Amplifier Monolithic IC
MM1196 MITSUMI-MM1196 Datasheet
90Kb / 4P
Video Amplifier Monolithic IC MM1196
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
MM1375 MITSUMI-MM1375 Datasheet
126Kb / 6P
RGB Video Amplifier for Monitors Monolithic MM1375
MM1186 MITSUMI-MM1186 Datasheet
103Kb / 4P
Video Amplifier Monolithic IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com