Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1375 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1375 Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1375
Download  MM1375 Download
File Size   126.28 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description RGB Video Amplifier for Monitors Monolithic MM1375

MM1375 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1375 Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1375
Download  MM1375 Click to download

File Size   126.28 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description RGB Video Amplifier for Monitors Monolithic MM1375

MM1375 Datasheet (HTML) - Mitsumi Electronics, Corp.


MM1375 Product details

Outline

This IC is a wideband RGB video amplifier with DC control, developed for use in monitors. It has a differential input comparator for brightness adjustment, and three matched DC control attenuators for contrast adjustment. All DC control input is high impedance, and the operating range is set for easy interface with serial bus control systems, at 0~4V. Also, the building-in blanking circuit clamps video output to less than 0.2V during blanking, enabling blanking on the CRT cathode.



Features

1. Low power consumption (VCC=8V, ICC=68mA)

2. Smaller capacity for clamping capacitor (0.1µF)

3. High band video amp 100MHZ @-3dB

4. Matched (±0.1dB) contrast adjustment attenuators built in

5. Built-in cutoff and brightness adjustment input comparators using external gate control

6. Built-in high input impedance DC contrast control, 0~4V

7. Output blanking function

8. Output can drive hybrid or discrete CRT driver directly



Applications

1. High resolution RGB CRT monitors

2. AGC amps for video

3. Gain and DC offset control high bandwidth amps

4. Interface amps for LCD or CCD systems




Similar Part No. - MM1375

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1373 MITSUMI-MM1373 Datasheet
115Kb / 5P
Detection of Lithium Ion Battery Overcharging
MM1376 MITSUMI-MM1376 Datasheet
81Kb / 3P
IC for Headphone Stereos
More results


Similar Description - MM1375

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
RGB Video Amplifier System
logo
STMicroelectronics
STV5111 STMICROELECTRONICS-STV5111 Datasheet
95Kb / 7P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
TDA8153 STMICROELECTRONICS-TDA8153 Datasheet
169Kb / 11P
RGB VIDEO OUTPUT AMPLIFIER
Jan-1993
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
RGB Video Amplifier System for Monitors
logo
Samsung semiconductor
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
R/G/B VIDEO AMPLIFIER FOR MONITORS
logo
Mitsumi Electronics, Co...
MM1203 MITSUMI-MM1203 Datasheet
125Kb / 6P
RGB Video Amplifier for Monitors Monolithic IC
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
RGB VIDEO-AMPLIFIER SYSTEM
logo
STMicroelectronics
STV5112 STMICROELECTRONICS-STV5112 Datasheet
93Kb / 5P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
April 1998
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com