Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWGN1001 Datasheet (PDF) - Pasternack Enterprises, Inc.

PEWGN1001 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PEWGN1001
Download  PEWGN1001 Download
File Size   382.57 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Waveguide Gunn Oscillator, Center Frequency 24.125 GHz, Tuning Range 1,000 MHz

PEWGN1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEWGN1001 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PEWGN1001
Download  PEWGN1001 Click to download

File Size   382.57 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Waveguide Gunn Oscillator, Center Frequency 24.125 GHz, Tuning Range 1,000 MHz

PEWGN1001 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PEWGN1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWGN1000 PASTERNACK-PEWGN1000 Datasheet
378Kb / 3P
Waveguide Gunn Oscillator, Center Frequency 35 GHz, Tuning Range 3 GHz, Phase Noise -95 dBc/Hz, Band, WR-28 With UG-599/U
More results


Similar Description - PEWGN1001

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SR-A29B0 NEL-SR-A29B0 Datasheet
166Kb / 2P
Frequency Range: 250.0 MHz-1.7 GHz
SR-A2A70 NEL-SR-A2A70 Datasheet
404Kb / 2P
Frequency Range: 250.0 MHz-1.7 GHz
logo
M/A-COM Technology Solu...
MACS-007800-0M1R00 MA-COM-MACS-007800-0M1R00 Datasheet
95Kb / 2P
Local Oscillator 24.125 GHz
logo
Pasternack Enterprises,...
PE9809 PASTERNACK-PE9809 Datasheet
101Kb / 1P
WAVEGUIDE TO SMA MALE FREQUENCY RANGE:12,4~18,0 GHz
PE9811 PASTERNACK-PE9811 Datasheet
74Kb / 1P
waveguide to sma male frequency range: 7,0~11,0 GHz
PE9814 PASTERNACK-PE9814 Datasheet
74Kb / 1P
WAVEGUIDE TO 7mm FREQUENCY RANGE : 12,40~18,0 GHz
PE9815 PASTERNACK-PE9815 Datasheet
80Kb / 1P
WAVEGUIDE TO 7mm FREQUENCY RANGE:8,20~12,40 GHz
PE9824 PASTERNACK-PE9824 Datasheet
77Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 2,60~3,95 GHz
logo
M/A-COM Technology Solu...
MAOC-010334 MA-COM-MAOC-010334 Datasheet
262Kb / 5P
Voltage Controlled Oscillator 8.4 - 9.25 GHz Wide Tuning Range
logo
Pasternack Enterprises,...
PEWGN1000 PASTERNACK-PEWGN1000 Datasheet
378Kb / 3P
Waveguide Gunn Oscillator, Center Frequency 35 GHz, Tuning Range 3 GHz, Phase Noise -95 dBc/Hz, Band, WR-28 With UG-599/U
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com