Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9814 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9814 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9814
Download  PE9814 Download
File Size   74.88 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WAVEGUIDE TO 7mm FREQUENCY RANGE : 12,40~18,0 GHz

PE9814 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9814 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9814
Download  PE9814 Click to download

File Size   74.88 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WAVEGUIDE TO 7mm FREQUENCY RANGE : 12,40~18,0 GHz

PE9814 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9814

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9811 PASTERNACK-PE9811 Datasheet
74Kb / 1P
waveguide to sma male frequency range: 7,0~11,0 GHz
PE9812 PASTERNACK-PE9812 Datasheet
266Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
More results


Similar Description - PE9814

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9806 PASTERNACK-PE9806 Datasheet
241Kb / 1P
WAVEGUIDE TO N MALE FREQUENCY RANGE: 12,4~18,0 GHz
PE9809 PASTERNACK-PE9809 Datasheet
101Kb / 1P
WAVEGUIDE TO SMA MALE FREQUENCY RANGE:12,4~18,0 GHz
PE9811 PASTERNACK-PE9811 Datasheet
74Kb / 1P
waveguide to sma male frequency range: 7,0~11,0 GHz
PE9815 PASTERNACK-PE9815 Datasheet
80Kb / 1P
WAVEGUIDE TO 7mm FREQUENCY RANGE:8,20~12,40 GHz
PE9816 PASTERNACK-PE9816 Datasheet
74Kb / 1P
WAVEGUIDE TO 7mm
PE9836 PASTERNACK-PE9836 Datasheet
81Kb / 1P
waveguide to n female with 0-ring groove frequency range:8,20~12,40 GHz
PE9846 PASTERNACK-PE9846 Datasheet
76Kb / 1P
WAVEGUIDE END LAUNCH TO SMA TYPE FEMALE FREQUENCY RANGE: 12,40 TO 18,00
PE9848 PASTERNACK-PE9848 Datasheet
76Kb / 1P
WAVEGUIDE END LAUNCH TO SMA TYPE FEMALE FREQUENCY RANGE: 8,20~12,40 GHz
PE9866 PASTERNACK-PE9866 Datasheet
77Kb / 1P
WAVEGUIDE END LAUNCH TO N FEMALE FREQUENCY RANGE:12,40 TO 18,00 GHz
PE9868 PASTERNACK-PE9868 Datasheet
74Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:8,20 TO 12,40 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com