Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9812 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9812 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9812
Download  PE9812 Download
File Size   266.29 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz

PE9812 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9812 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9812
Download  PE9812 Click to download

File Size   266.29 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz

PE9812 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9812

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9811 PASTERNACK-PE9811 Datasheet
74Kb / 1P
waveguide to sma male frequency range: 7,0~11,0 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
PE9814 PASTERNACK-PE9814 Datasheet
74Kb / 1P
WAVEGUIDE TO 7mm FREQUENCY RANGE : 12,40~18,0 GHz
More results


Similar Description - PE9812

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9800 PASTERNACK-PE9800 Datasheet
263Kb / 2P
WR-62 to N Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9803 PASTERNACK-PE9803 Datasheet
269Kb / 2P
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9878 PASTERNACK-PE9878 Datasheet
233Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE-W42CA002 PASTERNACK-PE-W42CA002 Datasheet
424Kb / 4P
WR-42 With UG595-U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz K Band
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
PE6802 PASTERNACK-PE6802_16 Datasheet
773Kb / 3P
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE-W42TR1001 PASTERNACK-PE-W42TR1001 Datasheet
396Kb / 3P
6 Watts Instrumentation Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com