Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2576HV Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM2576HV Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM2576HV
Download  LM2576HV Download
File Size   592.53 Kbytes
Page   7 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3A, 52kHz, Step-down Switching Regulator

LM2576HV Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2576HV Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM2576HV
Download  LM2576HV Click to download

File Size   592.53 Kbytes
Page   7 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3A, 52kHz, Step-down Switching Regulator

LM2576HV Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM2576HV Product details

DESCRIPSION
The LM2576HV series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5.0V, 12V, 15V and adjustable output versions.

FEATURES
● Step-down Switching Regulator
● Adjustable Version Output Voltage Range, 1.23V to 52V ± 4% Max over Line and Load conditions
● Guaranteed Output Current of 3A
● Fixed Output Voltages : 3.3V, 5.0V, 12V and 15V
● Wide Input Voltage Range 60V
● 52 kHz Fixed Frequency Oscillator
● TTL Shutdown Capability, Low Power Standby Mode
● Requires only 4 External Components
● High Efficiency
● Use Readily Available Standard Inductors
● Available in TO-220, TO-263 and SOP-8PP Packages
● Thermal Shutdown and Current Limit Protection
● Moisture Sensitivity Level 3

APPLICATION
● Simple high-efficiency step-down (buck) regulator
● Efficient pre-regulator for linear regulators
● On-card switching regulators
● Positive to negative converter (Buck-Boost)




Similar Part No. - LM2576HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576HV NSC-LM2576HV Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576HV ARTSCHIP-LM2576HV Datasheet
1Mb / 23P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Shenzhen Huazhimei Semi...
LM2576HV HMSEMI-LM2576HV Datasheet
2Mb / 13P
Simple high-efficiency step-down (buck) regulator
More results


Similar Description - LM2576HV

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
3A Step-down Voltage Regulator Power Converter 52kHz
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
3A / 52KHz Buck Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
1A, 52kHz, Step-Down Switching Regulator
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
3.0A, 52kHz, Step-Down Switching Regulator
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
3A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
3A / 52kHz Step-Down DC-DC Converter
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
3A | 52kHz Step-Down Switching Regulator
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
3A | 52kHz Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com