Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2576 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM2576 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM2576
Download  LM2576 Download
File Size   928.41 Kbytes
Page   14 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3.0A, 52kHz, Step-Down Switching Regulator

LM2576 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2576 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM2576
Download  LM2576 Click to download

File Size   928.41 Kbytes
Page   14 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3.0A, 52kHz, Step-Down Switching Regulator

LM2576 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM2576 Product details

DESCRIPTION
The LM2576 series of regulators are monolithic integrated circuits ideally suited for easy and convenient design of a step-down switching regualtor(buck converter). All circuits of this series are capable of driving a 3.0A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5.0V,12V, 15V, and an adjustable output version.

FEATURES
● 3.3V, 5.0V, 12V, 15V, and Adjustable Output Versions
● Adjustable Version Output Voltage Range, 1.23 to 37V
   +/- 4% AG10Maximum Over Line and Load Conditions
● Guaranteed 3.0A Output Current
● Wide Input Voltage Range
● Requires Only 4 External Components
● 52kHz Fixed Frequency Internal Oscillator
● TTL Shutdown Capability, Low Power Standby Mode
● High Efficiency
● Uses Readily Available Standard Inductors
● Thermal Shutdown and Current Limit Protection
● Moisture Sensitivity Level(MSL) Equals1

Applications
● Simple High-Efficiency Step-Down(Buck) Regulator
● Efficient Pre-Regulator for Linear Regulators
● On-Card Switching Regulators
● Positive to Negative Converter(Buck-Boost)
● Negative Step-Up Converters
● Power Supply for Battery Chargers




Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
3.0A, 15V, Step-Down Switching Regulator
More results


Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
3.0A, 15V, Step-Down Switching Regulator
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Weitron Technology
WT2575M WEITRON-WT2575M Datasheet
975Kb / 11P
2A Step-down Voltage Regulator Power Converter 52kHz
logo
National Semiconductor ...
LM2833 NSC-LM2833 Datasheet
672Kb / 22P
1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
1A, 52kHz, Step-Down Switching Regulator
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
3A, 52kHz, Step-Down Switching Regulator
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
3.0A, 150kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
3A | 52kHz Step-Down Switching Regulator
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
3A | 52kHz Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com