Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM2596 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM2596
Download  LM2596 Download
File Size   408.61 Kbytes
Page   8 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3.0A, 150kHz, Step-Down Switching Regulator

LM2596 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2596 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM2596
Download  LM2596 Click to download

File Size   408.61 Kbytes
Page   8 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3.0A, 150kHz, Step-Down Switching Regulator

LM2596 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM2596 Product details

DESCRIPTION

The LM2596 series of regulators are monolithic integrated circuits ideally suited for easy and convenient design of a step-down switching regulator(buck converter). All circuits of this series are capable of driving a 3.0A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5.0V,12V, and an adjustable output version.



FEATURES

3.3V, 5.0V, 12V, and Adjustable Output Versions

Adjustable Version Output Voltage Range, 1.2 to 37V +/- 4%. Maximum Over Line and Load Conditions

Guaranteed 3.0A Output Current

Wide Input Voltage Range

Requires Only 4 External Components

150kHz Fixed Frequency Internal Oscillator

TTL Shutdown Capability, Low Power Standby Mode

High Efficiency

Uses Readily Available Standard Inductors

Thermal Shutdown and Current Limit Protection

Moisture Sensitivity Level 3



Applications

Simple High-Efficiency Step-Down(Buck) Regulator

Efficient Pre-Regulator for Linear Regulators

On-Card Switching Regulators

Positive to Negative Converter(Buck-Boost)

Negative Step-Up Converters

Power Supply for Battery Chargers



 




Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
Simple high-efficiency step-down (buck) regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
3.0A, 15V, Step-Down Switching Regulator
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
150kHz, 3A Step-Down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2833 NSC-LM2833 Datasheet
672Kb / 22P
1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
5.0A, 150kHz, Step-down Switching Regulator
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
3.0A, 52kHz, Step-Down Switching Regulator
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
60V, 3A, 150kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com