Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM2596
Description  3.0A, 150kHz, Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2596 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM2596 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3.0A, 150kHz, Step-Down Switching Regulator
LM2596
ELECTRICAL CHARACTERISTICS / Device Parameters
(Unless otherwise specified, Vin = 12V for the 3.3V, 5.0V, and Adjustable version, Vin = 25V for the 12V versio
ILoad = 500 mA. For typical values Tj = 25°C, for min/max values TJ is the operating junction temperature ran
that applies [Note 2], unless otherwise noted.)
All Output Voltage Versions
1. External components such as the catch diode, inductor, input and output capacitors can affect
switching regulator system performance. When the LM2596 is used as shown in the Figure 1 test
circuit, system performance will be as shown in system parameters section .
2. Tested junction temperature range for the TJ2596 : TLOW = –40°C THIGH = +125°C
3. The oscillator frequency reduces to approximately 18kHz in the event of an output short or an
overload which causes the regulated output voltage to drop approximately 40% from the nominal
output voltage. This self protection feature lowers the average dissipation of the IC by lowering the
minimum duty cycle from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12V for the Adjustable, 3.3V, and 5.0V
versions, and '+25 V for the 12V versions, to force the output transistor “off”.C195
7. Vin = 40 V.
11.4
-
12.6
11.52
12
12.48
TJ= 0 ~ +125℃
Ib
Max
Unit
Feedback Bias Current (Vout=5.0V [Adjustable Version Only])
TJ=25℃
Characteristics
Symbol
Min
TYP
HTC
−
4 −
TJ=25℃
127
150
173
Oscillator Frequency [Note 3]
Fosc
173
Saturation Voltage (Iout=3.0A [note 4])
Vsat
TJ= 0 ~ +125℃
110
-
1.4
TJ= 0 ~ +125℃
-
-
1.5
TJ=25℃
-
1.16
TJ=25℃
3.6
4.5
6.9
Current Limit (Peak Current [Note 3 and 4])
ICL
TJ= 0 ~ +125℃
3.4
-
7.5
Quiescent Current [Note 6]
IQ
Output = 0V
--
TJ=25℃
-5
TJ= 0 ~ +125℃
--
Standby Quiescent Current (ON/OFF Pin = 5.0V ("off"))
ISTBY
TJ=25℃
-80
TJ= 0 ~ +125℃
--
Vout=0V
TJ=25℃
ON/OFF Pin Logic Input Level (Test circuit Figure 2)
VIH
0.6
Vout=Nominal Ouput Voltage
TJ= 0 ~ +125℃
2.0
-
TJ=25℃
-
1.3
TJ= 0 ~ +125℃
-
-
0.6
nA
kHz
V
%
A
mA
mA
㎂
-
-
Output Leakage Current [Note 6 and 7], TJ=25℃
IL
Max Duty Cycle ("0") [Note 5]
DC
-
100
Output = -1.0V
-2
50
30
250
200
-
10
-
2.0
1.3
VIL
V
ON/OFF Pin Input Current (Test Circuit Figure 2)
㎂
VLOGIC = 2.5V (Regulator OFF)
IIH
-5
15
VLOGIC = 0.5V (Regulator ON)
IIL
-
0.02
5.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com