Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM2596
Description  3.0A, 150kHz, Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2596 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM2596 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3.0A, 150kHz, Step-Down Switching Regulator
LM2596
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be functional,
but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics.)
ELECTRICAL CHARACTERISTICS / SYSTEM PARAMETERS ([Note 1] Test Circuit Figure 2)
(Unless otherwise specified, Vin = 12V for the 3.3V, 5.0V, and Adjustable version, Vin = 25V for the 12V versio
ILoad = 500 mA. For typical values TJ = 25°C, for min/max values TJ is the operating junction temperature
range that applies [Note 2], unless otherwise noted.)
LM2596-3.3V ([Note 1] Test Circuit Figure 2)
LM2596-5.0V ([Note 1] Test Circuit Figure 2)
LM2596-12V ([Note 1] Test Circuit Figure 2)
LM2596-ADJ ([Note 1] Test Circuit Figure 2)
Efficiency (Vin=12V, ILOAD=3.0A, Vout=5.0V)
TJ=25℃
TJ= -40℃ ~ +125℃
Efficiency (Vin=12V, ILOAD=3.0A)
Output Voltage (Vin = 25V, ILOAD=0.5A, TJ=25℃)
Efficiency (Vin=12V, ILOAD=3.0A)
TJ=25℃
-40 to +125
40
℃
V
Operating Junction Temperature Range
Supply Voltage
Symbol
TJ
Vin
Rating
Value
Unit
HTC
−
3 −
η
Output Voltage (8.0V≤Vin≤40V, 0.5A≤ILOAD≤3.0A
Vout
Output Voltage (Vin = 12V, ILOAD=0.5A, TJ=25℃)
Characteristics
TJ=25℃
TJ= -40℃ ~ +125℃
TJ= -40℃ ~ +125℃
Efficiency (Vin=12V, ILOAD=3.0A)
Output Voltage (Vin = 12V, ILOAD=0.5A, TJ=25℃)
Output Voltage (6.0V≤Vin≤40V, 0.5A≤ILOAD≤3.0A
Vout
Unit
Symbol
Vout
3.234
3.3
3.366
V
Min
TYP
Max
3.432
3.465
V
3.168
3.135
3.3
-
-73
-
%
V
4.8
5.0
5.2
4.75
-
5.25
%
Vout
4.9
5.0
5.1
V
η
-80
-
Vout
11.76
12
12.24
V
Output Voltage (15V≤Vin≤40V, 0.5A≤ILOAD≤3.0A
Vout
V
TJ=25℃
11.52
12
12.48
TJ= -40℃ ~ +125℃
11.4
-
12.6
η
-90
-
%
Feedback Voltage (Vin=12V, ILOAD=0.5A, TJ=25℃)
Vout
1.217
1.23
1.243
V
Feedback Voltage(8.0V≤Vin≤40V, 0.5A≤ILOAD≤3.0A, Vout=5.0V)
Vout
V
1.193
1.23
1.267
1.18
-
1.28
%
η
-73
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com