Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM2596
Description  3.0A, 150kHz, Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2596 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM2596 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3.0A, 150kHz, Step-Down Switching Regulator
LM2596
FEATURES
3.3V, 5.0V, 12V, and Adjustable Output Versions
Adjustable Version Output Voltage Range, 1.2 to 37V
+/- 4%. Maximum Over Line and Load Conditions
Guaranteed 3.0A Output Current
Wide Input Voltage Range
Requires Only 4 External Components
150kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby Mode
High Efficiency
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit Protection
Moisture Sensitivity Level 3
Applications
Simple High-Efficiency Step-Down(Buck) Regulator
Efficient Pre-Regulator for Linear Regulators
On-Card Switching Regulators
Positive to Negative Converter(Buck-Boost)
Negative Step-Up Converters
Power Supply for Battery Chargers
DESCRIPTION
ORDERING INFORMATION
The LM2596 series of regulators are monolithic integrated
circuits ideally suited for easy and convenient design of a
step-down switching regulator(buck converter).
All circuits of this series are capable of driving a 3.0A load
with excellent line and load regulation. These devices are
available in fixed output voltages of 3.3V, 5.0V,12V,
and an adjustable output version.
These regulators were designed to minimize the number of external components to simplify the
power supply design. Standard series of inductors optimized for use with the LM2596 are offered
by several different inductor manufacturers.
Since the LM2596 converter is a switch-mode power supply, its efficiency is significantly higher in
comparison with popular three-terminal limear regulators, especially with higher input voltages.
available from several different manufacturers. This feature greatly simplifies the design of
switch-mode power supplies. The LM2596 features include a guaranteed +/- 4% tolerance
on output voltage within specified input voltages and output load conditions, and +/-15% on the
oscillator frequency (+/- 2% over 0℃ to 125℃).
External shutdown is included, featuring 80㎂ (typical) standby current. Self protection features include
a two stage frequency reducing current limit for output switch and an over temperature shutdown for complete
protection under fault conditions.
Dec. 2009 - Rev.1.3.1
TO-220V
HTC
−
1 −
Device
Marking
Package
LM2596T-X.X
LM2596-X.X
TO-220
In many cases, the power dissipated is so low that no heatsink is required or its size could
be reduced dramatically. A standard series of inductors optimized for use with the TJ2596 are
LM2596TV-X.X
LM2596-X.X
LM2596R
LM2596-X.X
TO-263
1. Vin 2. Output
3. Ground
4. Feedback 5. On/Off
1
5
1
5
1
5
TO-220 PKG
TO-263 PKG
TO-220V PKG


Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
Simple high-efficiency step-down (buck) regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results

Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
3.0A, 15V, Step-Down Switching Regulator
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
150kHz, 3A Step-Down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2833 NSC-LM2833 Datasheet
672Kb / 22P
1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
5.0A, 150kHz, Step-down Switching Regulator
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
3.0A, 52kHz, Step-Down Switching Regulator
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
60V, 3A, 150kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com