Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596 Datasheet (PDF) - First Components International

LM2596 Datasheet PDF - First Components International
Part # LM2596
Download  LM2596 Download
File Size   1109.56 Kbytes
Page   14 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz

LM2596 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2596 Datasheet PDF - First Components International

Part # LM2596
Download  LM2596 Click to download

File Size   1109.56 Kbytes
Page   14 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz

LM2596 Datasheet (HTML) - First Components International


LM2596 Product details

GENERAL DESCRIPTION

The LM2596 series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5V, 12V, and an adjustable output version.



FEATURES

• 3.3V, 5V, 12V, and adjustable output versions

• Adjustable version output voltage range, 1.2V to 37V

• ±4% max over line and load conditions

• Available in TO-220 and TO-263 packages

• Guaranteed 3A output load current

• Input voltage range up to 40V

• Requires only 4 external components

• Excellent line and load regulation specifications

• 150 kHz fixed frequency internal oscillator

• TTL shutdown capability

• Low power standby mode, IQ typically 80 UA

• High efficiency

• Uses readily available standard inductors

• Thermal shutdown and current limit protection



APPLICATIONS

• Simple high-efficiency step-down (buck) regulator

• On-card switching regulators

• Positive to negative converter




Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
Simple high-efficiency step-down (buck) regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
More results


Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
SIMPLE SWITCHER Power Converter
logo
Pulse A Technitrol Comp...
PE-53818SNLT PULSE-PE-53818SNLT Datasheet
97Kb / 2P
Toroid - Designed for Nationals 150kHz Simple Switcher
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Converter
logo
First Components Intern...
LM7596 FCI-LM7596 Datasheet
226Kb / 3P
LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
SIMPLE SWITCHER POWER CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com