Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596 Datasheet (PDF) - Estek Electronics Co. Ltd

LM2596 Datasheet PDF - Estek Electronics Co. Ltd
Part # LM2596
Download  LM2596 Download
File Size   387.78 Kbytes
Page   12 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description Simple high-efficiency step-down (buck) regulator

LM2596 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2596 Datasheet PDF - Estek Electronics Co. Ltd

Part # LM2596
Download  LM2596 Click to download

File Size   387.78 Kbytes
Page   12 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description Simple high-efficiency step-down (buck) regulator

LM2596 Datasheet (HTML) - Estek Electronics Co. Ltd


LM2596 Product details

GENERAL DESCRIPTION

The LM2596 series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5V, 12V, and an adjustable output version.



FEATURES

3.3V, 5V, 12V, and adjustable output versions

Adjustable version output voltage range, 1.2V to 37V

±4% max over line and load conditions

Available in TO-220 and TO-263 packages

Guaranteed 3A output load current

Input voltage range up to 40V

Requires only 4 external components

Excellent line and load regulation specifications

150 kHz fixed frequency internal oscillator

TTL shutdown capability

Low power standby mode, IQ typically 80 µA

High efficiency

Uses readily available standard inductors

Thermal shutdown and current limit protection



APPLICATIONS

Simple high-efficiency step-down (buck) regulator

On-card switching regulators

Positive to negative converter




Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
More results


Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Estek Electronics Co. L...
LM2576 ESTEK-LM2576 Datasheet
200Kb / 8P
Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
Simple high-efficiency step-down (buck) regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com