Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C022JPN Datasheet (PDF) - Cypress Semiconductor

MB39C022JPN Datasheet PDF - Cypress Semiconductor
Part # MB39C022JPN
Download  MB39C022JPN Download
File Size   809.14 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Buck DC/DC Converter Low Noise LDO

MB39C022JPN Datasheet (PDF)

Go To PDF Page Download Datasheet
MB39C022JPN Datasheet PDF - Cypress Semiconductor

Part # MB39C022JPN
Download  MB39C022JPN Click to download

File Size   809.14 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Buck DC/DC Converter Low Noise LDO

MB39C022JPN Datasheet (HTML) - Cypress Semiconductor


MB39C022JPN Product details

Description
The MB39C022 is a 2 channels power supply IC. It consists of one channel Buck DC/DC Converter and one channel LDO regulator. The DC/DC converter has fast transient response with current mode control topology. Moreover, the integrated LDO provides an auxiliary output supply for noise sensitive circuit.

Features
■ Power supply voltage range : 2.5 V to 5.5 V
■ For Buck DC/DC included SW FET (CH1) : output 0.8 V to 4.5 V, 600 mA Max DC
■ For LDO (CH2) : output 3.30 V (MB39C022G) 300 mA Max DC
                             : output 2.85 V (MB39C022J) 300 mA Max DC
                             : output 1.80 V (MB39C022L) 300 mA Max DC
                             : output 1.20 V (MB39C022N) 300 mA Max DC
■ Error amplifier threshold voltage : 0.3 V ± (2.5 %) (CH1)
■ Fast line transient response with current mode topology (CH1)
■ PFM mode at light load current with VO1/VIN1 ≤ 80 % (IO1 ≤ 10 mA) (CH1)
■ Power-on-reset with 66 ms delay (CH1)
■ Built-in short circuit protect (CH2)
■ Built-in over current protect (CH1, CH2)
■ Built-in thermal protection function
■ Small size plastic SON-10 (3 mm × 3 mm) package

Applications
■ Portable Equipment
■ PND, GPS
■ PMP
■ Mobile TV, USB-dongle (CMMB, DVB-T, DMB-T)
■ Smart-phone
■ MP3




Similar Part No. - MB39C022JPN

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39C006A FUJITSU-MB39C006A Datasheet
648Kb / 48P
1 ch DC/DC Converter IC Built-in Switching FET & POWERGOOD function, PFM/PWM Synchronous Rectification, and Down Conversion Support
logo
Cypress Semiconductor
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
fujitsu semiconductor
MB39C006AEVB-06 FUJITSU-MB39C006AEVB-06 Datasheet
648Kb / 48P
1 ch DC/DC Converter IC Built-in Switching FET & POWERGOOD function, PFM/PWM Synchronous Rectification, and Down Conversion Support
MB39C006APN FUJITSU-MB39C006APN Datasheet
648Kb / 48P
1 ch DC/DC Converter IC Built-in Switching FET & POWERGOOD function, PFM/PWM Synchronous Rectification, and Down Conversion Support
logo
Cypress Semiconductor
MB39C006APN CYPRESS-MB39C006APN Datasheet
2Mb / 36P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results


Similar Description - MB39C022JPN

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
DC/DC Buck Converter
logo
Linear Technology
LTC3113 LINER-LTC3113_15 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3113 LINER-LTC3113 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
DC-DC BUCK CONVERTER
logo
Fitipower Integrated Te...
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
Low-Noise Boost DC-DC Converter
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
logo
SHENZHEN FUMAN ELECTRON...
TC3200 FUMAN-TC3200 Datasheet
147Kb / 3P
Low noise DC/DC converter IC
logo
Analog Devices
LT3154 AD-LT3154 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com