Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3154 Datasheet (PDF) - Analog Devices

LT3154 Datasheet PDF - Analog Devices
Part # LT3154
Download  LT3154 Download
File Size   3096.25 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6A Low Noise, High Performance Buck-Boost DC/DC Converter

LT3154 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3154 Datasheet PDF - Analog Devices

Part # LT3154
Download  LT3154 Click to download

File Size   3096.25 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6A Low Noise, High Performance Buck-Boost DC/DC Converter

LT3154 Datasheet (HTML) - Analog Devices


LT3154 Product details

FEATURES
- Single Inductor Buck-Boost Architecture
- Low Noise Buck-Boost Architecture
- Wide VIN Range 1.8V to 5.5V
- Adjustable VOUT Range 1.8V to 5.5V
- 5A of Continuous Output Current with VIN > VOUT
- Up to 95% Efficiency
- Selectable Internal 2.2MHz Fixed Frequency
Adjustable and Synchronizable: Up to 4MHz
- Burst Mode® IQ 15μA for High Efficiency at Light Loads
- Programmable Soft-Start and VIN UVLO
- Simple Solution with Minimal External Components

APPLICATIONS
- Portable Inventory Terminals
- Handheld Computers
- Medical and Industrial Instruments
- Wireless RF Transmitter
- Backup Power Applications
- Battery Powered Systems




Similar Part No. - LT3154

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT315 ETC1-LT315 Datasheet
343Kb / 5P
Photo DMOS-FET Relay
logo
LETEX TECHNOLOGY CORP.
LT315 LETEX-LT315 Datasheet
175Kb / 4P
Photo DMOS-FET Relay
logo
Linear Technology
LT3150 LINER-LT3150 Datasheet
263Kb / 20P
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
LT3150 LINER-LT3150 Datasheet
192Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3150 LINEAR_DIMENSIONS-LT3150 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Similar Description - LT3154

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
Linear Technology
LTC3113 LINER-LTC3113_15 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Linear Technology
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3113 LINER-LTC3113 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Fitipower Integrated Te...
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
Low-Noise Boost DC-DC Converter
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com